Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 356 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 356 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 352Page - Microchip Technology LAN9250 Datasheet HTML 353Page - Microchip Technology LAN9250 Datasheet HTML 354Page - Microchip Technology LAN9250 Datasheet HTML 355Page - Microchip Technology LAN9250 Datasheet HTML 356Page - Microchip Technology LAN9250 Datasheet HTML 357Page - Microchip Technology LAN9250 Datasheet HTML 358Page - Microchip Technology LAN9250 Datasheet HTML 359Page - Microchip Technology LAN9250 Datasheet HTML 360Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 421 page
background image
LAN9250
DS00001913A-page 356
 2015 Microchip Technology Inc.
14.8.30
1588 PORT RX PDELAY_REQ INGRESS TIME NANOSECONDS REGISTER
(1588_RX_PDREQ_NS)
This register combined with the 1588 Port RX Pdelay_Req Ingress Time Seconds Register (1588_RX_PDREQ_SEC)
contains the ingress time of the last Pdelay_Req message. This register is automatically updated if the Auto Update
(AUTO) bit is set.
Note:
Port and GPIO registers share a common address space. Port registers are selected by the Bank Select
(BANK_SEL[2:0] in the 1588 Bank Port GPIO Select Register (1588_BANK_PORT_GPIO_SEL).
Offset:
17Ch
Size:
32 bits
Bank:
1
Bits
Description
Type
Default
31
Auto Update (AUTO)
If this bit is set, the TS_NS field in this register, the TS_SEC field in
1588_RX_PDREQ_SEC and the CF field in 1588_RX_PDREQ_CF_HI /
1588_RX_PDREQ_CF_LO are updated when a PDelay_Req message is
received.
When cleared, S/W is responsible to maintain those fields.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
30
RESERVED
RO
-
29:0
Timestamp NanoSeconds (TS_NS)
This field contains the nanoseconds portion of the receive ingress time.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com