Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 419 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 419 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 413Page - Microchip Technology LAN9250 Datasheet HTML 414Page - Microchip Technology LAN9250 Datasheet HTML 415Page - Microchip Technology LAN9250 Datasheet HTML 416Page - Microchip Technology LAN9250 Datasheet HTML 417Page - Microchip Technology LAN9250 Datasheet HTML 418Page - Microchip Technology LAN9250 Datasheet HTML 419Page - Microchip Technology LAN9250 Datasheet HTML 420Page - Microchip Technology LAN9250 Datasheet HTML 421Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 419 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 419
LAN9250
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LAN9250
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel(Note 1)
Temperature
Range:
Blank =
0
C to +70C
(Commercial)
I= -40
C to +85C
(Industrial)
V= -40
C to +105C
(Extended Industrial)(Note 2)
Package:
ML
=
64-pin QFN
PT
=
64-pin TQFP-EP
Examples:
a)
LAN9250/ML
Standard Packaging (Tray),
Commercial Temperature,
64-pin QFN
b)
LAN9250TI/PT
Tape and Reel
Industrial Temperature,
64-pin TQFP-EP
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
2:
Extended industrial temp. support (105
ºC)
in the 64-QFN only
PART NO.
Device
Tape and Reel
Option
/
Temperature
Range
XX
[X]
[X]
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com