Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 413 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 413 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 409Page - Microchip Technology LAN9250 Datasheet HTML 410Page - Microchip Technology LAN9250 Datasheet HTML 411Page - Microchip Technology LAN9250 Datasheet HTML 412Page - Microchip Technology LAN9250 Datasheet HTML 413Page - Microchip Technology LAN9250 Datasheet HTML 414Page - Microchip Technology LAN9250 Datasheet HTML 415Page - Microchip Technology LAN9250 Datasheet HTML 416Page - Microchip Technology LAN9250 Datasheet HTML 417Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 413
LAN9250
19.7
Clock Circuit
The device can accept either a 25 MHz crystal or a 25 MHz single-ended clock oscillator (±50 ppm) input. If the single-
ended clock oscillator method is implemented, OSCO should be left unconnected and OSCI should be driven with a
clock signal that adheres to the specifications outlined throughout Section 19.0, "Operational Characteristics". See
Table 19-13 for the recommended crystal specifications.
Note 28:
The maximum allowable values for frequency tolerance and frequency stability are application dependent.
Since any particular application must meet the IEEE ±50 ppm Total PPM Budget, the combination of these
two values must be approximately ±45 ppm (allowing for aging).
Note 29:
Frequency Deviation Over Time is also referred to as Aging.
Note 30:
The total deviation for 100BASE-TX is ±50 ppm.
Note 31:
The minimum drive level requirement PW is reduced to 100 uW with the addition of a 500 Ω series resistor,
if CO 5pF, CL 12 pF and R180 Ω
Note 32:
0 °C for commercial version, -40 °C for industrial and extended industrial versions
Note 33:
+70 °C for commercial version, +85 °C for industrial version, +105 °C for extended industrial version
Note 34:
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this
value. The OSCI pin, OSCO pin and PCB capacitance values are required to accurately calculate the value
of the two external load capacitors. The total load capacitance must be equivalent to what the crystal
expects to see in the circuit so that the crystal oscillator will operate at 25.000 MHz.
TABLE 19-13: CRYSTAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
802.3 Frequency Tolerance at
25oC
Ftol
-
-
±40
ppm
Note 28
802.3 Frequency Stability Over
Temp
Ftemp
-
-
±40
ppm
Note 28
802.3 Frequency Deviation Over
Time
Fage
-
±3 to 5
-
ppm
Note 29
802.3 Total Allowable PPM Bud-
get
-
-
±50
ppm
Note 30
Shunt Capacitance
CO
--
7
pF
Load Capacitance
CL
-
-
18
pF
Drive Level
PW
300
Note 31
--
µW
Equivalent Series Resistance
R1
--
100
Ω
Operating Temperature Range
Note 32
-
Note 33
oC
OSCI Pin Capacitance
-
3 typ
-
pF
Note 34
OSCO Pin Capacitance
-
3 typ
-
pF
Note 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com