Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 411 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 411 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 407Page - Microchip Technology LAN9250 Datasheet HTML 408Page - Microchip Technology LAN9250 Datasheet HTML 409Page - Microchip Technology LAN9250 Datasheet HTML 410Page - Microchip Technology LAN9250 Datasheet HTML 411Page - Microchip Technology LAN9250 Datasheet HTML 412Page - Microchip Technology LAN9250 Datasheet HTML 413Page - Microchip Technology LAN9250 Datasheet HTML 414Page - Microchip Technology LAN9250 Datasheet HTML 415Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 411
LAN9250
19.6.4
POWER-ON AND CONFIGURATION STRAP TIMING
This diagram illustrates the configuration strap valid timing requirements in relation to power-on. In order for valid con-
figuration strap values to be read at power-on, the following timing requirements must be met.
Note:
Configuration straps must only be pulled high or low. Configuration straps must not be driven as inputs.
Device configuration straps are also latched as a result of RST# assertion. Refer to Section 19.6.3, "Reset and Config-
uration Strap Timing" and Section 6.2.1, "Chip-Level Resets," on page 39 for additional details.
FIGURE 19-5:
POWER-ON CONFIGURATION STRAP LATCHING TIMING
TABLE 19-12: POWER-ON CONFIGURATION STRAP LATCHING TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tcfg
Configuration strap valid time
-
-
15
ms
All External
Power Supplies
Configuration Straps
tcfg
Vopp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com