Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 18Page - Microchip Technology MCP37231 Datasheet HTML 19Page - Microchip Technology MCP37231 Datasheet HTML 20Page - Microchip Technology MCP37231 Datasheet HTML 21Page - Microchip Technology MCP37231 Datasheet HTML 22Page - Microchip Technology MCP37231 Datasheet HTML 23Page - Microchip Technology MCP37231 Datasheet HTML 24Page - Microchip Technology MCP37231 Datasheet HTML 25Page - Microchip Technology MCP37231 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 22
 2014-2016 Microchip Technology Inc.
Notes:
1.
This 1.8V digital supply voltage is used for the digital I/O circuit, including SPI, CMOS and LVDS data output drivers.
2.
Standby Mode: Most of the internal circuits are turned off, except the internal reference, clock, bias circuits and
SPI interface.
3.
Shutdown Mode: All circuits including reference and clock are turned off except the SPI interface.
4.
Power dissipation (typical) is calculated by using the following equation:
(a) During operation:
PDISS = VDD18 x (IDD_A18 + IDD_D18) + VDD12 x (IDD_A12 + IDD_D12), where IDD_D18 is the digital I/O current for
LVDS or CMOS output. VDD18 = 1.8V and VDD12 = 1.2V are used for typical value calculation.
(b) During Standby mode:
PDISS_STANDBY = (ISTANDBY_AN + ISTANDBY_DIG) x 1.2V
(c) During Shutdown mode:
PDISS_SHDN = IDD_SHDN x 1.2V
5.
This parameter is ensured by design, but not 100% tested in production.
6.
This parameter is ensured by characterization, but not 100% tested in production.
7.
See Table 4-2 for details.
8.
Differential reference voltage output at REF1+/- and REF0+/- pins. VREF1 = VREF1+– VREF1-.
VREF0 = VREF0+– VREF0-. These references should not be driven.
9.
Input capacitance refers to the effective capacitance between one differential input pin pair.
10. Channel cross-talk is measured when AIN = -1 dBFS at 12 MHz is applied on one channel while other channel(s)
are terminated with 50
. See Figure 3-39 for details.
11. The ADC core conversion rate. In multi-channel mode, the conversion rate of an individual channel is fS/N, where
N is the number of input channels used.
12. See Figure 4-8 for the details of the clock input circuit.
13. ENOB = (SINAD - 1.76)/6.02.
14. This leakage current is due to the internal pull-up resistor.
15. Dynamic performance is characterized with CH(n)_DIG_GAIN<7:0> = 0011-1000.
Digital Data Output (LVDS Mode)(5)
LVDS High-Level
Differential Output Voltage
VH_LVDS
200
300
400
mV
100
 differential termination,
LVDS bias = 3.5 mA
LVDS Low-Level
Differential Output Voltage
VL_LVDS
-400
-300
-200
mV
100
 differential termination,
LVDS bias = 3.5 mA
LVDS Common-Mode
Voltage
VCM_LVDS
11.15
1.4
V
Output Capacitance
CINT_LVDS
—
4
—
pF
Internal capacitance from
output pin to GND
Differential Load
Resistance (LVDS)
RLVDS
—
100
—
Across LVDS output pairs
Input Leakage Current on Digital I/O Pins
Data Output Pins
ILI_DH
——
+1
µA
VIH = DVDD18
ILI_DL
-1
—
—
µA
VIL = GND
I/O Pins except Data
Output Pins
ILI_DH
——
+6
µA
VIH = DVDD18
ILI_DL
-35
—
—
µA
VIL = GND
(14)
TABLE 2-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, AVDD18 =DVDD18 =1.8V,
AVDD12 =DVDD12 = 1.2V, GND = 0V, SENSE = AVDD12, Single-channel mode, Differential Analog Input (AIN) = Sine wave with
amplitude of -1 dBFS, fIN = 70 MHz, Clock Input = 200 MHz, fS = 200 Msps (ADC Core), Resolution = 16-bit, PLL and decimation
filters are disabled, Output load: CMOS data pin = 10 pF, LVDS = 100
termination, LVDS driver current setting = 3.5 mA, +25°C is
applied for typical value.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com