Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 92 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 92 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 88Page - Microchip Technology MCP37231 Datasheet HTML 89Page - Microchip Technology MCP37231 Datasheet HTML 90Page - Microchip Technology MCP37231 Datasheet HTML 91Page - Microchip Technology MCP37231 Datasheet HTML 92Page - Microchip Technology MCP37231 Datasheet HTML 93Page - Microchip Technology MCP37231 Datasheet HTML 94Page - Microchip Technology MCP37231 Datasheet HTML 95Page - Microchip Technology MCP37231 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 92
MCP37231/21-200 AND MCP37D31/21-200
REGISTER 5-13:
ADDRESS 0X58 – PLL CHARGE-PUMP
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
FCB<2:0>:
PLL_BIAS
PLL_CHAGPUMP<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
FCB<2:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 4
PLL_BIAS: PLL charge-pump bias source selection bit
1
=
Self-biasing coming from AVDD (Default)
0 =
Bandgap voltage from the reference generator (1.2V)
bit 3-0
PLL_CHAGPUMP<3:0>: PLL charge pump bias current control bits(1)
1111
= Maximum current
• • •
0010
= (Default)
• • •
0000
= Minimum current
Note
1:
PLL_CHAGPUMP<3:0> should be set based on the phase detector comparison frequency. The bias current amplitude
increases linearly with increasing the bit setting values. The increase is from approximately 25 µA to 375 µA, 25 µA per step.
See Section 4.7.2.1, "PLL Output Frequency and Output Control Parameters" for more details of the PLL block.
REGISTER 5-14:
ADDRESS 0X59 – PLL ENABLE CONTROL 1
U-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
FCB<4:3>
EN_PLL_REFDIV
FCB<2:1>
EN_PLL
FCB<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Not used.
bit 6-5
FCB<4:3>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 4
EN_PLL_REFDIV: Enable PLL Reference Divider (PLL_REFDIV<9:0>).
1
=
Enabled
0
=
Reference divider is bypassed (Default)
bit 3-2
FCB<2:1>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 1
EN_PLL: Enable PLL circuit.
1
=
Enabled
0
=
Disabled (Default)
bit 0
FCB<0>: Factory-Controlled Bit. This is not for the user. Do not change default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com