Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 14Page - Microchip Technology MCP37231 Datasheet HTML 15Page - Microchip Technology MCP37231 Datasheet HTML 16Page - Microchip Technology MCP37231 Datasheet HTML 17Page - Microchip Technology MCP37231 Datasheet HTML 18Page - Microchip Technology MCP37231 Datasheet HTML 19Page - Microchip Technology MCP37231 Datasheet HTML 20Page - Microchip Technology MCP37231 Datasheet HTML 21Page - Microchip Technology MCP37231 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 18
 2014-2016 Microchip Technology Inc.
2.0
ELECTRICAL SPECIFICATIONS
2.1
Absolute Maximum Ratings†
Analog and digital supply voltage (AVDD12, DVDD12) .............. ......................................................................................... -0.3V to 1.32V
Analog and digital supply voltage (AVDD18, DVDD18) .............. ......................................................................................... -0.3V to 1.98V
All inputs and outputs with respect to GND ............................ ...........................................................................–0.3V to AVDD18 +0.3V
Differential input voltage.......................................................... ....................................................................................... |AVDD18 - GND|
Current at input pins................................................................ ...................................................................................................... ±2 mA
Current at output and supply pins .......................................... .................................................................................................. ±250 mA
Storage temperature ............................................................... ...................................................................................... -65°C to +150°C
Ambient temperature with power applied (TA) ........................ ...................................................................................... -55°C to +125°C
Maximum junction temperature (TJ)........................................ .................................................................................................... +150°C
ESD protection on all pins....................................................... ................................................................................................ 2 kV HBM
Solder reflow profile ................................................................ ................................ See Microchip Application Note AN233 (DS00233)
2.2
Electrical Specifications
Notice†: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 2-1:
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, AVDD18 =DVDD18 =1.8V,
AVDD12 =DVDD12 = 1.2V, GND = 0V, SENSE = AVDD12, Single-channel mode, Differential Analog Input (AIN) = Sine wave with
amplitude of -1 dBFS, fIN = 70 MHz, Clock Input = 200 MHz, fS = 200 Msps (ADC Core), Resolution = 16-bit, PLL and decimation
filters are disabled, Output load: CMOS data pin = 10 pF, LVDS = 100
termination, LVDS driver current setting = 3.5 mA, +25°C is
applied for typical value.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Requirements
Analog Supply Voltage
AVDD18
1.71
1.8
1.89
V
AVDD12
1.14
1.2
1.26
V
Digital Supply Voltage
DVDD18
1.71
1.8
1.89
V
Note 1
DVDD12
1.14
1.2
1.26
V
Analog Supply Current
Analog Supply Current
During Conversion
IDD_A18
—27
46
mA
at AVDD18 pin
IDD_A12
—
185
252
mA
at AVDD12 pin
Digital Supply Current
Digital Supply Current
During Conversion
IDD_D12
—
97
226
mA
at DVDD12 pin
Digital I/O Current in
CMOS Output Mode
IDD_D18
—27
—
mA
at DVDD18 pin
DCLK = 100 MHz
Digital I/O Current in
LVDS Mode
IDD_D18
Measured at DVDD18 Pin
—
55
81
mA
3.5 mA mode
39
—
mA
1.8 mA mode
69
5.4 mA mode
Supply Current during Power-Saving Modes
During Standby Mode
ISTANDBY_AN
—
84
—
mA
Address 0x00<4:3> = 1,1(2)
ISTANDBY_DIG
—36
—
During Shutdown Mode
IDD_SHDN
—
23
—
mA
Address 0x00<7,0> = 1,1(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com