Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 39Page - Microchip Technology MCP37231 Datasheet HTML 40Page - Microchip Technology MCP37231 Datasheet HTML 41Page - Microchip Technology MCP37231 Datasheet HTML 42Page - Microchip Technology MCP37231 Datasheet HTML 43Page - Microchip Technology MCP37231 Datasheet HTML 44Page - Microchip Technology MCP37231 Datasheet HTML 45Page - Microchip Technology MCP37231 Datasheet HTML 46Page - Microchip Technology MCP37231 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 43
MCP37231/21-200 AND MCP37D31/21-200
4.5.1.2
Single-Ended Input Configuration
Figure 4-5 shows an example of a single-ended input
configuration. This single-ended input configuration is
not recommended for the best performance. SNR and
SFDR performance degrades significantly when the
device is operated in a single-ended configuration. The
unused negative side of the input should be
AC-coupled to ground using a capacitor.
FIGURE 4-5:
Singled-Ended Input
Configuration.
4.5.2
SENSE VOLTAGE AND INPUT
FULL-SCALE RANGE
The device has a bandgap-based differential internal
reference voltage. The SENSE pin voltage is used to
select the reference voltage source and configure the
input full-scale range. A comparator detects the
SENSE pin voltage and configures the full-scale input
range into one of the three possible modes which are
summarized in Table 4-2. Figure 4-6 shows an
example of how the SENSE pin should be driven.
The SENSE pin can sink or source currents as high as
500 µA across all operational conditions. Therefore, it
may require a driver circuit, unless the SENSE
reference source provides sufficient output current.
FIGURE 4-6:
SENSE Pin Voltage Setup.
AIN+
AIN-
R
VCM
1k
Analog
50
10 µF
0.1 µF
0.1 µF
10 µF
0.1 µF
1k
VCM
R
C
Input
Note 1:
This voltage buffer can be removed if the SENSE
reference is coming from a stable source (such as
MCP1700) which can provide a sufficient output
current to the SENSE pin.
SENSE
0.1 µF
R1
R2
MCP1700
0.1 µF
(Note 1)
TABLE 4-2:
SENSE PIN VOLTAGE AND INPUT FULL-SCALE RANGE
SENSE Pin
Voltage
(VSENSE)
Selected
Reference Voltage
(VREF)
Full-Scale Input Voltage
Range (AFS)
LSb Size
(Calculated with AFS)
Condition
Tied to GND
0.7V
1.4875 VP-P(1)
16-bit mode: 22.7 µV
Low-Reference
Mode(4)
14-bit mode: 90.8 µV
0.4V – 0.8V
0.7V – 1.4V
1.4875 VP-P to 2.975 VP-P(2)
Adjustable
Sense Mode(5)
Tied to AVDD12
1.4V
2.975 VP-P(3)
16-bit mode: 45.4 µV
High-Reference
Mode(4)
14-bit mode: 181.6 µV
Note 1:
AFS = (17/16) x 1.4 VP-P =1.487 VP-P.
2:
AFS = (17/16) x 2.8 VP-P x(VSENSE)/0.8 = 1.4875 VP-P to 2.975 VP-P.
3:
AFS = (17/16) x 2.8 VP-P =2.975 VP-P.
4:
Based on internal bandgap voltage.
5:
Based on VSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com