Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 98 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 98 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 94Page - Microchip Technology MCP37231 Datasheet HTML 95Page - Microchip Technology MCP37231 Datasheet HTML 96Page - Microchip Technology MCP37231 Datasheet HTML 97Page - Microchip Technology MCP37231 Datasheet HTML 98Page - Microchip Technology MCP37231 Datasheet HTML 99Page - Microchip Technology MCP37231 Datasheet HTML 100Page - Microchip Technology MCP37231 Datasheet HTML 101Page - Microchip Technology MCP37231 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 98
MCP37231/21-200 AND MCP37D31/21-200
REGISTER 5-22:
ADDRESS 0X64 – OUTPUT CLOCK PHASE CONTROL WHEN DECIMATION FILTER IS USED
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
EN_PHDLY
DCLK_PHDLY_DEC<2:0>
FCB<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EN_PHDLY: Enable digital output clock phase delay control when DLL or decimation filter is used.
1
=
Enabled
0
=
Disabled (Default)
bit 6-4
DCLK_PHDLY_DEC<2:0>: Digital output clock phase delay control when decimation filter is used(2)
111
= +315° phase-shifted from default(2)
110
= +270° phase-shifted from default
101
= +225° phase-shifted from default(2)
100
= +180° phase-shifted from default
011
= +135° phase-shifted from default(2)
010
= +90° phase-shifted from default
001
= +45° phase-shifted from default(2)
000
= Default(3)
bit 3-0
FCB<3:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
Note
1:
These bits have an effect only if EN_PHDLY = 1. See Address 0x52 (Register 5-7) for the same feature when DLL is used.
2:
Only available when the decimation filter setting is greater than 2. When FIR_A/B <8:1> = 0’s (default) and FIR_A<6> = 0, only 4-
phase shifts are available (+45°, +135°, +225°, +315°) from default. See Addresses 0x7A, 0x7B and 0x7C (Registers 5-34 – 5-36).
See Addresses 0x6D and 0x52 (Registers 5-28 and 5-7) for DCLK phase shift for other modes.
3:
The phase delay for all other settings is referenced to this default phase.
REGISTER 5-23:
ADDRESS 0X65 – LVDS OUTPUT POLARITY CONTROL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
POL_LVDS<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
POL_LVDS<7:0>: Control polarity of LVDS data pairs (Q7+/Q7- – Q0+/Q0-)(1)
1111-1111
= Invert all LVDS pairs
1111-1110
= Invert all LVDS pairs except the LSb pair
• • •
1000-0000
= Invert MSb LVDS pair
• • •
0000-0001
= Invert LSb LVDS pair
0000-0000
= No inversion of LVDS bit pairs (Default)
Note
1:
(a) 14-bit mode: The LSb bit has no effect. (b) 12-bit mode: The last two LSb bits have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com