Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 25Page - Microchip Technology MCP37231 Datasheet HTML 26Page - Microchip Technology MCP37231 Datasheet HTML 27Page - Microchip Technology MCP37231 Datasheet HTML 28Page - Microchip Technology MCP37231 Datasheet HTML 29Page - Microchip Technology MCP37231 Datasheet HTML 30Page - Microchip Technology MCP37231 Datasheet HTML 31Page - Microchip Technology MCP37231 Datasheet HTML 32Page - Microchip Technology MCP37231 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 29
MCP37231/21-200 AND MCP37D31/21-200
FIGURE 2-10:
Sync Timing Diagram with RESET Pin Operation.
FIGURE 2-11:
Sync Timing Diagram with SOFT_RESET Bit Setting.
RESET Pin
SYNC Output
CAL Pin (Output)
Data Output
Clock Input
A. Master Device
TPCAL
SYNC Input
CAL Pin (Output)
Data Output
Clock Input
B. Slave Device(s)
TPCAL
(SLAVE Pin = 1)
(SLAVE Pin = 0)
TSYNC_OUT
Valid Data
Valid Data
Invalid Data
Invalid Data
1
2
POR
(~ 220 clock cycles)
SYNC Output
CAL Pin (Output)
Data Output
Clock Input
Valid Data
A. Master Device (SLAVE Pin = 0)
Toggle to High at the 2nd rising edge of Clock Input after POR
TPCAL
SYNC Input
CAL Pin (Output)
Data Output
Clock Input
B. Slave Device(s)
TPCAL
(SLAVE Pin = 1)
Valid Data
Invalid
SOFT_RESET = 0
SOFT_RESET = 1
Invalid Data
1
2
2
1
SPI SOFT RESET Control
Invalid Data
1
22
1
Toggle to High at the 2nd rising edge of Clock Input
after SOFT_RESET = 1
TSYNC_OUT
No Output
No Output
TPCAL
TPCAL
Data
Valid
Data
Invalid
Data
Valid
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com