Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 88 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 88 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 84Page - Microchip Technology MCP37231 Datasheet HTML 85Page - Microchip Technology MCP37231 Datasheet HTML 86Page - Microchip Technology MCP37231 Datasheet HTML 87Page - Microchip Technology MCP37231 Datasheet HTML 88Page - Microchip Technology MCP37231 Datasheet HTML 89Page - Microchip Technology MCP37231 Datasheet HTML 90Page - Microchip Technology MCP37231 Datasheet HTML 91Page - Microchip Technology MCP37231 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 88
MCP37231/21-200 AND MCP37D31/21-200
REGISTER 5-7:
ADDRESS 0X52 – DLL CONTROL
REGISTER 5-6:
ADDRESS 0X1E – AUTOCAL TIME DELAY CONTROL(1)
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
AUTOCAL_TIMEDLY<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
AUTOCAL_TIMEDLY<7:0>: Auto-calibration start time delay control bits
1111-1111
= Maximum value
• • •
1000-0000
= (Default)
• • •
0000-0000
= Minimum value
Note
1:
EN_AUTOCAL_TIMEDLY in Address 0x07 (Register 5-5) enables this register setting. This register controls the time delay
before the auto-calibration starts. The value increases linearly with the bit settings, from minimum to maximum values.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
EN_DUTY
DCLK_PHDLY_DLL<2:0>
EN_DLL_DCLK
EN_DLL
EN_CLK
RESET_DLL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EN_DUTY: Enable DLL circuit for duty cycle correction (DCC) of input clock
1 =
Correction is ON
0 =
Correction is OFF (Default)
bit 6-4
DCLK_PHDLY_DLL<2:0>: Select the phase delay of the digital clock output when using DLL(1)
111 = +315° phase-shifted from default
110 = +270° phase-shifted from default
101 = +225° phase-shifted from default
100 = +180° phase-shifted from default
011 = +135 phase-shifted from default
010 = +90° phase-shifted from default
001 = +45° phase-shifted from default
000 = (Default)
bit 3
EN_DLL_DCLK: Enable DLL digital clock output
1
=
Enabled (Default)
0
=
Disabled: DLL digital clock is turned off. ADC output is not available when DLL is used.
bit 2
EN_DLL: Enable DLL circuitry to provide a selectable phase clock to digital output clock.
1
=
Enabled
0
=
Disabled. DLL block is disabled (Default)
bit 1
EN_CLK: Enable clock input buffer
1
=
Enabled (Default).
0
=
Disabled. No clock is available to the internal circuits, ADC output is not available.
bit 0
RESET_DLL: DLL circuit reset control(2)
1
=
DLL is active
0
=
DLL circuit is held in reset (Default)
Note
1:
These bits have an effect only if EN_PHDLY = 1 and decimation is not used.
2:
DLL reset control procedure: Set this bit to ‘0’ (reset) and then to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com