Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 5Page - Microchip Technology MCP37231 Datasheet HTML 6Page - Microchip Technology MCP37231 Datasheet HTML 7Page - Microchip Technology MCP37231 Datasheet HTML 8Page - Microchip Technology MCP37231 Datasheet HTML 9Page - Microchip Technology MCP37231 Datasheet HTML 10Page - Microchip Technology MCP37231 Datasheet HTML 11Page - Microchip Technology MCP37231 Datasheet HTML 12Page - Microchip Technology MCP37231 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 9
MCP37231/21-200 AND MCP37D31/21-200
A42
Q11/Q5+
Digital
Output
Digital data output: CMOS = Q11
DDR LVDS = Q5+ (Even bit first), Q13+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 3
B35
Q12/Q6-
Digital data output: CMOS = Q12
DDR LVDS = Q6- (Even bit first), Q14- (MSb byte first)
Serialized LVDS = Q- for channel order (n) = 2
A43
Q13/Q6+
Digital data output: CMOS = Q13
DDR LVDS = Q6+ (Even bit first), Q14+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 2
A44
Q14/Q7-
Digital data output: CMOS = Q14
DDR LVDS = Q7- (Even bit first), Q15- (MSb byte first)
Serialized LVDS = Q- for the first selected channel (n) = 1
B37
Q15/Q7+
Digital data output: CMOS = Q15
DDR LVDS = Q7+ (Even bit first), Q15+ (MSb byte first)
Serialized LVDS = Q+ for the first selected channel (n) = 1
B38
WCK/OVR+
(OVR)
WCK: Word clock sync digital output
OVR: Input overrange indication digital output(11)
A45
WCK/OVR-
(WCK)
SPI Interface Pins
A53
SDIO
Digital Input/
Output
SPI data input/output
A54
SCLK
Digital
Input
SPI serial clock input
B44
CS
SPI Chip Select input
Not Connected Pins
A1, A13 - A20, A32
- A37, A46 - A52,
A66 - A68, B14,
B28, B29, B40,
B41, B42, B55, B56
NC
These pins can be tied to ground or left floating.
Pins that need to be grounded
A24, A64, B20, B54
GND
These pins are not supply pins, but need to be tied to ground.
TABLE 1-1:
PIN FUNCTION TABLE FOR VTLA-124 (CONTINUED)
Pin No.
Name
I/O Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com