Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 97 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 97 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 93Page - Microchip Technology MCP37231 Datasheet HTML 94Page - Microchip Technology MCP37231 Datasheet HTML 95Page - Microchip Technology MCP37231 Datasheet HTML 96Page - Microchip Technology MCP37231 Datasheet HTML 97Page - Microchip Technology MCP37231 Datasheet HTML 98Page - Microchip Technology MCP37231 Datasheet HTML 99Page - Microchip Technology MCP37231 Datasheet HTML 100Page - Microchip Technology MCP37231 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 97
 2014-2016 Microchip Technology Inc.
REGISTER 5-21:
ADDRESS 0X63 – ADC OUTPUT BIT (RESOLUTION) AND LVDS LOAD
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
OUTPUT_BIT
LVDS_LOAD
LVDS_IMODE<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
16-Bit Device (MCP37231/D31-200):
OUTPUT_BIT<3:0>: Select number of output data bits(1)
1111
= 15
1110
= 14
1101
= 13
1100
= 12
1011
= 11
1010
= 10
1001
= 9
1000
= 8
0111
= 7
0110
= 6
0101
= 5
0100
= 4
0011
= 3
0010
= 2
0001
= 1
0000
= 16-bit (Default)
14-Bit Device (MCP37221/D21-200):
OUTPUT_BIT<3:0>: These bits have no effect(2)
bit 3
LVDS_LOAD: Internal LVDS load termination
1
=
Enable internal load termination
0
=
Disable internal load termination (Default)
bit 2-0
LVDS_IMODE<2:0>: LVDS driver current control bits
111
= 7.2 mA
011
= 5.4 mA
001
= 3.5 mA (Default)
000
= 1.8 mA
Do not use the following settings(3):
110, 101, 100, 010
Note
1:
These bits are applicable for the 16-bit device only. See Address 0x68 (Register 5-26) for additional DM1 and DM2 bits.
2:
In the 14-bit device, ADC resolution is not user selectable.
3:
These settings can result in unknown output currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com