Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 2Page - Microchip Technology MCP37231 Datasheet HTML 3Page - Microchip Technology MCP37231 Datasheet HTML 4Page - Microchip Technology MCP37231 Datasheet HTML 5Page - Microchip Technology MCP37231 Datasheet HTML 6Page - Microchip Technology MCP37231 Datasheet HTML 7Page - Microchip Technology MCP37231 Datasheet HTML 8Page - Microchip Technology MCP37231 Datasheet HTML 9Page - Microchip Technology MCP37231 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 6
 2014-2016 Microchip Technology Inc.
TABLE 1-1:
PIN FUNCTION TABLE FOR VTLA-124
Pin No.
Name
I/O Type
Description
Power Supply Pins
A2, A22, A65, B1,
B52
AVDD18
Supply
Supply voltage input (1.8V) for analog section
A12, A56, A60,
A63, B10, B11, B12,
B13, B15, B16,
B45, B49, B53
AVDD12
Supply voltage input (1.2V) for analog section
A25, A30, B39
DVDD12
Supply voltage input (1.2V) for digital section
A41, B24, B27,
B31, B36, B43
DVDD18
Supply voltage input (1.8V) for digital section and all digital I/O
EP
GND
Exposed pad: Common ground pin for digital and analog sections
ADC Analog Input Pins
A3
AIN6+
Analog
Input
Channel 6 differential analog input (+)
B2
AIN6-
Channel 6 differential analog input (-)
A4
AIN2+
Channel 2 differential analog input (+)
B3
AIN2-
Channel 2 differential analog input (-)
A5
AIN4+
Channel 4 differential analog input (+)
B4
AIN4-
Channel 4 differential analog input (-)
A6
AIN0+
Channel 0 differential analog input (+)
B5
AIN0-
Channel 0 differential analog input (-)
B6
AIN1+
Channel 1 differential analog input (+)
A8
AIN1-
Channel 1 differential analog input (-)
B7
AIN7+
Channel 7 differential analog input (+)
A9
AIN7-
Channel 7 differential analog input (-)
B8
AIN3+
Channel 3 differential analog input (+)
A10
AIN3-
Channel 3 differential analog input (-)
B9
AIN5+
Channel 5 differential analog input (+)
A11
AIN5-
Channel 5 differential analog input (-)
A21
CLK+
Differential clock input (+)
B17
CLK-
Differential clock input (-)
Reference Pins(1)
A57, B46
REF1+
Analog
Output
Differential reference 1 (+) voltage
A58, B47
REF1-
Differential reference 1 (-) voltage
A61, B50
REF0+
Differential reference 0 (+) voltage
A62, B51
REF0-
Differential reference 0 (-) voltage
SENSE, Bandgap and Common-Mode Voltage Pins
B48
SENSE
Analog
Input
Analog input full-scale range selection. See Table 4-2 for SENSE
voltage settings.
A59
VBG
Analog
Output
Internal bandgap output voltage
Connect a decoupling capacitor (2.2 µF)
A7
VCMIN
Analog
Input
Common-mode voltage input for auto-calibration
Connect VCM voltage(2)
A55
VCM
Common-mode output voltage (900 mV) for analog input signal
Connect a decoupling capacitor (0.1 µF)(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com