Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 10Page - Microchip Technology MCP37231 Datasheet HTML 11Page - Microchip Technology MCP37231 Datasheet HTML 12Page - Microchip Technology MCP37231 Datasheet HTML 13Page - Microchip Technology MCP37231 Datasheet HTML 14Page - Microchip Technology MCP37231 Datasheet HTML 15Page - Microchip Technology MCP37231 Datasheet HTML 16Page - Microchip Technology MCP37231 Datasheet HTML 17Page - Microchip Technology MCP37231 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 14
 2014-2016 Microchip Technology Inc.
G1
Q8/Q4-
Digital
Output
Digital data output(3)
CMOS = Q8
DDR LVDS = Q4- (Even bit first), Q12- (MSb byte first)
Serialized LVDS = Q- for channel order (n) = 4
G2
Q9/Q4+
Digital data output(3)
CMOS = Q9
DDR LVDS = Q4+ (Even bit first), Q12+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 4
G3
DVDD18
Supply
Supply voltage input (1.8V) for digital section
All digital input pins are driven by the same DVDD18 potential
G4
G5
GND
Common ground for analog and digital sections
G6
G7
AVDD12
Supply
Supply voltage input (1.2V) for analog section
G8
G9
GND
Common ground for analog and digital sections
G10
AIN7-
Analog Input
Channel 7 differential analog input (-)
G11
AIN3+
Channel 3 differential analog input (+)
H1
Q6/Q3-
Digital
Output
Digital data output(3)
CMOS = Q6
DDR LVDS = Q3- (Even bit first), Q11- (MSb byte first)
Serialized LVDS = Q- for channel order (n) = 5
H2
Q7/Q3+
Digital data output(3)
CMOS = Q7
DDR LVDS = Q3+ (Even bit first), Q11+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 5
H3
DVDD12
Supply
Supply voltage input (1.2V) for digital section
H4
H5
GND
Common ground for analog and digital sections
H6
H7
H8
H9
H10
AIN7+
Analog Input
Channel 7 differential analog input (+)
H11
AIN3-
Channel 3 differential analog input (-)
J1
Q4/Q2-
Digital
Output
Digital data output(3)
CMOS = Q4
DDR LVDS = Q2- (Even bit first), Q10- (MSb byte first)
Serialized LVDS = Q- for channel order (n) = 6
J2
Q5/Q2+
Digital data output(3)
CMOS = Q5
DDR LVDS = Q2+ (Even bit first), Q10+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 6
J3
DVDD12
Supply
DC supply voltage input pin for digital section (1.2V)
J4
J5
GND
Common ground for analog and digital sections
J6
J7
J8
J9
TABLE 1-2:
PIN FUNCTION TABLE FOR TFBGA-121 (CONTINUED)
Ball No.
Name
I/O Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com