Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 69Page - Microchip Technology MCP37231 Datasheet HTML 70Page - Microchip Technology MCP37231 Datasheet HTML 71Page - Microchip Technology MCP37231 Datasheet HTML 72Page - Microchip Technology MCP37231 Datasheet HTML 73Page - Microchip Technology MCP37231 Datasheet HTML 74Page - Microchip Technology MCP37231 Datasheet HTML 75Page - Microchip Technology MCP37231 Datasheet HTML 76Page - Microchip Technology MCP37231 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 73
MCP37231/21-200 AND MCP37D31/21-200
4.12.11
DIGITAL OUTPUT RANDOMIZER
Depending on PCB layout considerations and power
supply coupling, SFDR may be improved by decorrelat-
ing the ADC input from the ADC digital output data. The
device includes an output data randomizer option.
When this option is enabled, the digital output is ran-
domized by applying an exclusive-OR logic operation
between the LSb (D0) and all other data output bits.
To decode the randomized data, the reverse operation
is applied: an exclusive-OR operation is applied
between the LSb (D0) and all other bits. The DCLK,
OVR, WCK, DM1, DM2 and LSb (D0) outputs are not
affected. Figure 4-25 shows the block diagram of the
data randomizer and decoder logic. The output ran-
domizer is enabled by setting the EN_OUT_RANDOM
bit in Address 0x07 (Register 5-5).
FIGURE 4-25:
Logic Diagram for Digital Output Randomizer and Decoder (16-Bit mode).
4.12.12
OUTPUT DISABLE
The digital output can be disabled by setting
OUTPUT_MODE<1:0> = 00 in Address 0x62
(Register 5-20). All digital outputs are disabled,
including OVR, WCK, DCLK, etc.
4.12.13
OUTPUT TEST PATTERNS
To facilitate testing of the I/O interface, the device can
produce various predefined or user-defined patterns on
the digital outputs. See TEST_PATTERNS<2:0> in
Address 0x62 (Register 5-20) for the predefined test pat-
terns. For the user-defined patterns, Addresses 0x74 –
0x77 (Registers 5-29 – 5-32) can be programmed using
the SPI interface. When an output test mode is enabled,
the ADC’s analog section can still be operational, but
does not drive the digital outputs. The outputs are driven
only with the selected test pattern.
Q0
Q1
Q2
WCK
DCLK
OVR
Q1
Q2
WCK
DCLK
OVR
Q0
Data Acquisition Device
(a) Data Randomizer
(b) Data Decoder
DCLK
WCK
OVR
Q0
Q0
Q2
Q0
Q1
Q0
Q0
EN_OUT_RANDOM
MCP37XXX
Q15
Q14
Q15
Q14
Q15
Q14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com