Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 1 Page - Microchip Technology

  MCP37231 Datasheet HTML 1Page - Microchip Technology MCP37231 Datasheet HTML 2Page - Microchip Technology MCP37231 Datasheet HTML 3Page - Microchip Technology MCP37231 Datasheet HTML 4Page - Microchip Technology MCP37231 Datasheet HTML 5Page - Microchip Technology MCP37231 Datasheet HTML 6Page - Microchip Technology MCP37231 Datasheet HTML 7Page - Microchip Technology MCP37231 Datasheet HTML 8Page - Microchip Technology MCP37231 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 1
MCP37231/21-200
MCP37D31/21-200
Features
• Sample Rates:
- 200 Msps for single-channel mode
- 200 Msps/number of channels used
• SNR with fIN = 15 MHz and -1 dBFS:
- 74.7 dBFS (typical) at 200 Msps
• SFDR with fIN = 15 MHz and -1 dBFS:
- 90 dBc (typical) at 200 Msps
• Power Dissipation with LVDS Digital I/O:
- 490 mW at 200 Msps
• Power Dissipation with CMOS Digital I/O:
- 436 mW at 200 Msps, Output Clock = 100 MHz
• Power Dissipation Excluding Digital I/O:
- 390 mW at 200 Msps
• Power-Saving Modes:
- 144 mW during Standby
- 28 mW during Shutdown
• Supply Voltage:
- Digital Section: 1.2V, 1.8V
- Analog Section: 1.2V, 1.8V
• Selectable Full-Scale Input Range: up to 2.975 VP-P
• Input Channel Bandwidth: 500 MHz
• Channel-to-Channel Crosstalk in Multi-Channel
Mode (Input = 15 MHz, -1 dBFS): >95 dB
• Output Data Format:
- Parallel CMOS, DDR LVDS
- Serialized DDR LVDS (16-bit, octal-channel mode)
• Optional Output Data Randomizer
• Serial Peripheral Interface (SPI)
• Digital Signal Post-Processing (DSPP) Options:
- Decimation filters for improved SNR
- Fractional Delay Recovery (FDR) for time-
delay corrections in multi-channel operations
(dual-/octal-channel modes)
- Phase, Offset and Gain adjust of individual
channels
- Digital Down-Conversion (DDC) with I/Q or
fS/8 output (MCP37D31/21-200)
- Continuous wave beamforming for octal-
channel mode (MCP37D31/21-200)
• Built-In ADC Linearity Calibration Algorithms:
- Harmonic Distortion Correction (HDC)
- DAC Noise Cancellation (DNC)
- Dynamic Element Matching (DEM)
- Flash Error Calibration
• AutoSync Mode to Synchronize Multiple Devices
to the Same Clock
• Package Options:
- VTLA-124 (9 mm x 9 mm x 0.9 mm)
- TFBGA-121 (8 mm x 8 mm x 1.08 mm)
• No External Reference Decoupling Capacitor
Required for TFBGA Package
• Industrial Temperature Range: -40°C to +85°C
Typical Applications
• Communication Instruments
• Cellular Base Stations
• Radar
• Ultrasound and Sonar Imaging
• Scanners and Low-Power Portable Instruments
• Industrial and Consumer Data Acquisition System
MCP372XX/MCP37DXX Family Comparison(1):
Part Number
Sample Rate Resolution
Digital
Decimation(2)
Digital
Down-Conversion(3)
CW
Beamforming(4)
Noise-Shaping
Requantizer(2)
MCP37231-200
200 Msps
16
Yes
No
No
No
MCP37221-200
200 Msps
14
Yes
No
No
No
MCP37211-200
200 Msps
12
Yes
No
No
Yes
MCP37D31-200
200 Msps
16
Yes
Yes
Yes
No
MCP37D21-200
200 Msps
14
Yes
Yes
Yes
No
MCP37D11-200
200 Msps
12
Yes
Yes
Yes
Yes
Note 1: Devices in the same package type are pin-to-pin compatible.
2: Available in single- and dual-channel mode.
3: Available in single- and dual-channel mode, and octal-channel mode when CW beamforming is enabled.
4: Available in octal-channel mode.
200 Msps, 16-/14-Bit Low-Power ADC with 8-Channel MUX


Similar Part No. - MCP37231

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37231-200 MICROCHIP-MCP37231-200 Datasheet
2Mb / 142P
Power-Saving Modes
06/23/16
More results

Similar Description - MCP37231

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC711D3CFNE2 FREESCALE-MC68HC711D3CFNE2 Datasheet
908Kb / 124P
Power Saving STOP and WAIT Modes
MC68HC11E0CFNE2 FREESCALE-MC68HC11E0CFNE2 Datasheet
1Mb / 242P
M68HC11 CPU, Power-saving stop and wait modes, Low-voltage devices available (3.0??.5 Vdc)
logo
STMicroelectronics
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
STR75x low power modes
09-Jul-2007
logo
FSP TECHNOLOGY INC.
FSP060-1S35-12 FSP-FSP060-1S35-12 Datasheet
132Kb / 1P
Power saving function
FSP060-1S35-19 FSP-FSP060-1S35-19 Datasheet
132Kb / 1P
Power saving function
FSP060-1S35-48 FSP-FSP060-1S35-48 Datasheet
132Kb / 1P
Power saving function
logo
Microchip Technology
MCP37211-200 MICROCHIP-MCP37211-200 Datasheet
2Mb / 142P
Power-Saving Modes
06/23/16
logo
NIHON DEMPA KOGYO
2725 NDK-2725_18 Datasheet
1Mb / 1P
Power-saving Type
2725Q NDK-2725Q_18 Datasheet
871Kb / 1P
Power-saving Type
logo
STMicroelectronics
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
low-power modes
30-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com