Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 31Page - Microchip Technology MCP37231 Datasheet HTML 32Page - Microchip Technology MCP37231 Datasheet HTML 33Page - Microchip Technology MCP37231 Datasheet HTML 34Page - Microchip Technology MCP37231 Datasheet HTML 35Page - Microchip Technology MCP37231 Datasheet HTML 36Page - Microchip Technology MCP37231 Datasheet HTML 37Page - Microchip Technology MCP37231 Datasheet HTML 38Page - Microchip Technology MCP37231 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 35
MCP37231/21-200 AND MCP37D31/21-200
FIGURE 3-17:
SNR/SFDR vs. Analog Input
Amplitude: fS =200 Msps, fIN =70MHz.
FIGURE 3-18:
SNR/SFDR vs. Sample
Rate (Msps): fIN = 70 MHz.
FIGURE 3-19:
SNR/SFDR vs. SENSE Pin
Voltage: fS = 200 Msps, fIN = 68 MHz.
FIGURE 3-20:
SNR/SFDR vs. Analog Input
Amplitude: fS = 200 Msps, fIN = 15 MHz.
FIGURE 3-21:
SNR/SFDR vs. Sample
Rate (Msps): fIN = 15 MHz.
FIGURE 3-22:
SNR/SFDR vs. SENSE Pin
Voltage: fS = 200 Msps, fIN = 15 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com