Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 8Page - Microchip Technology MCP37231 Datasheet HTML 9Page - Microchip Technology MCP37231 Datasheet HTML 10Page - Microchip Technology MCP37231 Datasheet HTML 11Page - Microchip Technology MCP37231 Datasheet HTML 12Page - Microchip Technology MCP37231 Datasheet HTML 13Page - Microchip Technology MCP37231 Datasheet HTML 14Page - Microchip Technology MCP37231 Datasheet HTML 15Page - Microchip Technology MCP37231 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 12
 2014-2016 Microchip Technology Inc.
TABLE 1-2:
PIN FUNCTION TABLE FOR TFBGA-121
Ball No.
Name
I/O Type
Description
A1
SDIO
Digital Input/
Output
SPI data input/output
A2
VCM
Analog
Output
Common-mode output voltage (900 mV) for analog input signal
Connect a decoupling capacitor (0.1 µF)(1)
A3
REF1+
Differential reference voltage 1 (+/-). Decoupling capacitors are embedded in
the TFBGA package. Leave these pins floating.
A4
REF1-
A5
VBG
Internal bandgap output voltage
A decoupling capacitor (2.2 μF) is embedded in the TFBGA package. Leave
this pin floating.
A6
REF0+
Differential reference 0 (+/-) voltage. Decoupling capacitors are embedded in
the TFBGA package. Leave these pins floating.
A7
REF0-
A8
GND
Supply
Common ground for analog and digital sections
A9
A10
AIN4-
Analog Input Channel 4 differential analog input (-)
A11
AIN2+
Channel 2 differential analog input (+)
B1
SCLK
Digital Input SPI serial clock input
B2
CS
SPI Chip Select input
B3
GND
Supply
Common ground for analog and digital sections
B4
B5
SENSE
Analog
Input
Analog input range selection. See Table 4-2 for SENSE voltage settings.
B6
AVDD12
Supply
Supply voltage input (1.2V) for analog section
B7
B8
AVDD18
Supply voltage input (1.8V) for analog section
B9
B10
AIN4+
Analog Input
Channel 4 differential analog input (+)
B11
AIN2-
Channel 2 differential analog input (-)
C1
WCK/OVR-
(WCK)
Digital
Output
WCK: Word clock sync digital output
OVR: Input overrange indication digital output(2)
C2
WCK/OVR+
(OVR)
C3
GND
Supply
Common ground for analog and digital sections
C4
C5
AVDD12
Supply voltage input (1.2V) for analog section
C6
C7
C8
GND
Common ground pin for analog and digital sections
C9
C10
AIN6-
Analog Input
Channel 6 differential analog input (-)
C11
AIN0+
Channel 0 differential analog input (+)
D1
Q14/Q7-
Digital
Output
Digital data output(3)
CMOS = Q14
DDR LVDS = Q7- (Even bit first), Q15- (MSb byte first)
Serialized LVDS = Q- for the first selected channel (n = 1)
D2
Q15/Q7+
Digital data output(3)
CMOS = Q15
DDR LVDS = Q7+ (Even bit first), Q15+ (MSb byte first)
Serialized LVDS = Q+ for the first selected channel (n = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com