Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 96 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 96 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 92Page - Microchip Technology MCP37231 Datasheet HTML 93Page - Microchip Technology MCP37231 Datasheet HTML 94Page - Microchip Technology MCP37231 Datasheet HTML 95Page - Microchip Technology MCP37231 Datasheet HTML 96Page - Microchip Technology MCP37231 Datasheet HTML 97Page - Microchip Technology MCP37231 Datasheet HTML 98Page - Microchip Technology MCP37231 Datasheet HTML 99Page - Microchip Technology MCP37231 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 96
MCP37231/21-200 AND MCP37D31/21-200
REGISTER 5-20:
ADDRESS 0X62 – OUTPUT DATA FORMAT AND OUTPUT TEST PATTERN
U-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
—
LVDS_8CH
DATA_FORMAT
OUTPUT_MODE<1:0>
TEST_PATTERNS<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Not used.
bit 6
LVDS_8CH: LVDS data stream type selection for octal-channel mode(1)
1
=
Serialized data stream(2)
0
=
Interleaved with parallel data stream(3)(Default)
bit 5
DATA_FORMAT: Output data format selection
1
=
Offset binary (unsigned)
0
=
Two’s complement (Default)
bit 4-3
OUTPUT_MODE<1:0>: Output mode selection(4)
11
= DDR LVDS output mode with MSb byte first(5)
10
= DDR LVDS output mode with even bit first(6)(Default)
01
= CMOS output mode
00
= Output disabled
bit 2-0
TEST_PATTERNS<2:0>: Test output data pattern selection
111
= Output data is pseudo-random number (PN) sequence(7)
110
= Sync Pattern for LVDS output.
18-bit mode: '11111111 00000000 10'
16-bit mode: '11111111 00000000'
14-bit mode: '11111111 000000'
12-bit mode: '11111111 0000'
10-bit mode: '11111111 00'
101
= Alternating Sequence for LVDS mode
16-bit mode: ‘01010101 10101010’
14-bit mode: ‘01010101 101010’
100
= Alternating Sequence for CMOS.
Output: ‘11111111 11111111’ alternating with ‘00000000 00000000’
011
= Alternating Sequence for CMOS.
Output: ‘01010101 01010101’ alternating with ‘10101010 10101010’
010
= Ramp Pattern. Output is incremented by:
18-bit mode: 1 LSb per clock cycle
16-bit mode: 1 LSb per 4 clock cycles
14-bit mode: 1 LSb per 16 clock cycles
001
= Double Custom Patterns.
Output: Alternating custom pattern A (see Addresses 0X74 – 0X75 - Registers 5-29 – 5-30) and custom
pattern B (see Address 0X76 - 0X77 - Registers 5-31 – 5-32)(8)
000
= Normal Operation. Output: ADC data (Default)
Note
1:
This bit setting is valid for the octal-channel mode only. See Addresses 0x7D-0x7F (Registers 5-37
– 5-39) for channel order selection.
2:
Serialized LVDS is available in octal-channel with 16-bit mode only: Each LVDS output pair holds a single input channel's data
and outputs in a serial data stream (synchronized with WCK): Q7+/Q7- is for the first channel’s selected data, and Q0+/Q0- is for
the last channel’s selected data. This bit function is enabled only when EN_DSPP_8 = 1 in Address 0x81 (Register 5-41). See
Figure 2-4 for the timing diagram.
3:
The output is in parallel data stream. The first sampled data bit is clocked out first in parallel LVDS output pins, followed by the
next sampled channel data bit. See Figures 2-2 and2-3 for the timing diagram.
4:
See Figures 2-1 – 2-4 for the timing diagram.
5:
Only 16-bit mode is available for this option.
Rising edge: Q15 - Q8.
Falling edge: Q7 - Q0
6:
Rising edge: Q14, Q12, Q10,.... Q0.
Falling edge: Q15, Q13, Q11,... Q1.
7:
Pseudo-random number (PN) code is generated by the linear feedback shift register (LFSR).
8:
The alternating patterns A and B are applied to Q<15:0>. Pattern A<15:14> and Pattern B<15:14> are also applied to OVR and
WCK pins, respectively. Pattern A<1:0> and Pattern B<1:0> are also applied to DM1/DM+ and DM2/DM-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com