Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 26Page - Microchip Technology MCP37231 Datasheet HTML 27Page - Microchip Technology MCP37231 Datasheet HTML 28Page - Microchip Technology MCP37231 Datasheet HTML 29Page - Microchip Technology MCP37231 Datasheet HTML 30Page - Microchip Technology MCP37231 Datasheet HTML 31Page - Microchip Technology MCP37231 Datasheet HTML 32Page - Microchip Technology MCP37231 Datasheet HTML 33Page - Microchip Technology MCP37231 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 30
 2014-2016 Microchip Technology Inc.
TABLE 2-4:
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, AVDD18 =DVDD18 =1.8V,
AVDD12 =DVDD12 = 1.2V, GND = 0V, SENSE = AVDD12, Single-channel mode, Differential Analog Input (AIN) = Sine wave with
amplitude of -1 dBFS, fIN = 70 MHz, Clock Input = 200 MHz, fS = 200 Msps (ADC Core), Resolution = 16-bit, PLL and decimation
filters are disabled, Output load: CMOS data pin = 10 pF, LVDS = 100
termination, LVDS driver current setting = 3.5 mA, +25°C is
applied for typical value.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges(1)
Operating Temperature Range
TA
-40
—
+85
°C
Thermal Package Resistances(2)
121L Ball-TFBGA
(8 mm x 8 mm)
Junction-to-Ambient Thermal Resistance
JA
—40.2
—
°C/W
Junction-to-Case Thermal Resistance
JC
—8.4
—
°C/W
124L – VTLA
(9 mm x 9 mm)
Junction-to-Ambient Thermal Resistance
JA
—21
—
°C/W
Junction-to-Case (top) Thermal Resistance
JC
—8.7
—
°C/W
Note 1:
Maximum allowed power-dissipation (PDMAX) = (TJMAX - TA)/JA.
2:
This parameter value is achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com