Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 48Page - Microchip Technology MCP37231 Datasheet HTML 49Page - Microchip Technology MCP37231 Datasheet HTML 50Page - Microchip Technology MCP37231 Datasheet HTML 51Page - Microchip Technology MCP37231 Datasheet HTML 52Page - Microchip Technology MCP37231 Datasheet HTML 53Page - Microchip Technology MCP37231 Datasheet HTML 54Page - Microchip Technology MCP37231 Datasheet HTML 55Page - Microchip Technology MCP37231 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 52
 2014-2016 Microchip Technology Inc.
TABLE 4-7:
RECOMMENDED PLL CHARGE PUMP AND LOOP FILTER BIT SETTINGS
PLL Charge Pump and Loop Filter
Parameter
fQ =fREF/PLL_REFDIV
fQ<5 MHz
5 MHz ≤ fQ <25 MHz
fQ ≥ 25 MHz
PLL_CHAGPUMP<3:0>
0x04
0x04
0x04
PLL_RES<4:0>
0x1F
0x1F
0x07
PLL_CAP3<4:0>
0x07
0x02
0x07
PLL_CAP2<4:0>
0x07
0x01
0x08
PLL_CAP1<4:0>
0x07
0x01
0x08
TABLE 4-8:
EXAMPLE OF PLL CONTROL BIT SETTINGS FOR fS = 200 MHz WITH fREF = 100 MHz
PLL Control Parameter
Value
Descriptions
fREF
100 MHZ
fREF is coming from the external clock input
Target fS(1)
200 MHZ
ADC sampling frequency
Target fVCO(2)
1.2 GHZ
Range of fVCO = 1.0375 GHz – 1.325 GHz
Target fQ(3)
10 MHZ
fQ = fREF/PLL_REFDIV (See Table 4-7)
PLL Reference Divider (R)
10
PLL_REFDIV<9:0> = 0x0A
PLL Prescaler (N)
120
PLL_PRE<11:0> = 0x78
PLL Output Divider
6
PLL_OUTDIV<3:0> = 0x06
Note 1:
fS =fVCO/PLL_OUTDIV = 1.2 GHz/6 = 200 MHz
2:
fVCO = (N/R) x fREF = (12) x 100 MHz = 1.2 GHz
3:
fQ should be maximized for the best noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com