Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 78Page - Microchip Technology MCP37231 Datasheet HTML 79Page - Microchip Technology MCP37231 Datasheet HTML 80Page - Microchip Technology MCP37231 Datasheet HTML 81Page - Microchip Technology MCP37231 Datasheet HTML 82Page - Microchip Technology MCP37231 Datasheet HTML 83Page - Microchip Technology MCP37231 Datasheet HTML 84Page - Microchip Technology MCP37231 Datasheet HTML 85Page - Microchip Technology MCP37231 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
0x85
Numerically Controlled
Oscillator (NCO) Tuning -
Upper Byte
NCO_TUNE<31:24>
0x00
0x86
CH0 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH0_NCO_PHASE<7:0>
0x00
0x87
CH0 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH0_NCO_PHASE<15:8>
0x00
0x88
CH1 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH1_NCO_PHASE<7:0>
0x00
0x89
CH1 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH1_NCO_PHASE<15:8>
0x00
0x8A
CH2 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH2_NCO_PHASE<7:0>
0x00
0x8B
CH2 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH2_NCO_PHASE<15:8>
0x00
0x8C
CH3 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH3_NCO_PHASE<7:0>
0x00
0x8D
CH3 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH3_NCO_PHASE<15:8>
0x00
0x8E
CH4 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH4_NCO_PHASE<7:0>
0x00
0x8F
CH4 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH4_NCO_PHASE<15:8>
0x00
0x90
CH5 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH5_NCO_PHASE<7:0>
0x00
0x91
CH5 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH5_NCO_PHASE<15:8>
0x00
0x92
CH6 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH6_NCO_PHASE<7:0>
0x00
0x93
CH6 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH6_NCO_PHASE<15:8>
0x00
0x94
CH7 NCO Phase Offset in CW
or DDC Mode - Lower Byte
CH7_NCO_PHASE<7:0>
0x00
0x95
CH7 NCO Phase Offset in CW
or DDC Mode - Upper Byte
CH7_NCO_PHASE<15:8>
0x00
0x96
CH0 Digital Gain
CH0_DIG_GAIN<7:0>
0x3C
0x97
CH1 Digital Gain
CH1_DIG_GAIN<7:0>
0x3C
0x98
CH2 Digital Gain
CH2_DIG_GAIN<7:0>
0x3C
0x99
CH3 Digital Gain
CH3_DIG_GAIN<7:0>
0x3C
TABLE 5-3:
REGISTER MAP TABLE (CONTINUED)
Addr.
Register Name
Bits
Default
Value
b7
b6
b5
b4
b3
b2
b1
b0
Legend:
U = Unimplemented bit, read as ‘0’
FCB = Factory-Controlled Bits. Do not program
1 = bit is set
0 = bit is cleared
x = bit is unknown
2:
Read-only register. Preprogrammed at the factory for internal use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com