Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 40Page - Microchip Technology MCP37231 Datasheet HTML 41Page - Microchip Technology MCP37231 Datasheet HTML 42Page - Microchip Technology MCP37231 Datasheet HTML 43Page - Microchip Technology MCP37231 Datasheet HTML 44Page - Microchip Technology MCP37231 Datasheet HTML 45Page - Microchip Technology MCP37231 Datasheet HTML 46Page - Microchip Technology MCP37231 Datasheet HTML 47Page - Microchip Technology MCP37231 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 44
 2014-2016 Microchip Technology Inc.
4.5.2.1
SENSE Selection Vs. SNR/SFDR
Performance
The SENSE pin is used to configure the full-scale input
range of the ADC. Depending on the application
conditions, the SNR, SFDR and dynamic range
performance are affected by the SENSE pin
configuration. Table 4-3 summarizes these settings.
• High-Reference Mode
This mode is enabled by setting the SENSE pin to
AVDD12 (1.2V). This mode provides the highest input
full-scale range (2.975 VP-P) and the highest SNR
performance. Figure 3-17 and Figure 3-20 show
SNR/SFDR versus input amplitude in High-Reference
mode.
• Low-Reference Mode
This mode is enabled by setting the SENSE pin to
ground. This mode is suitable for applications which have
a smaller input full-scale range. This mode provides
improved SFDR characteristics, but SNR is reduced by
-6 dB compared to the High-Reference Mode.
• SENSE Mode
This mode is enabled by driving the SENSE pin with an
external voltage source between 0.4V and 0.8V. This
mode allows the user to adjust the input full-scale
range such that SNR and dynamic range are optimized
in a given application system environment.
TABLE 4-3:
SENSE VS. SNR/SFDR PERFORMANCE
SENSE
Descriptions
High-Reference Mode
(SENSE pin = AVDD12)
High-input full-scale range (2.975 VP-P) and optimized SNR
Low-Reference Mode
(SENSE pin = ground)
Low-input full-scale range (1.4875 VP-P) and reduced SNR, but optimized SFDR
Sense Mode
(SENSE pin = 0.4V to 0.8V)
Adjustable-input full-scale range (1.4875 VP-P - 2.975 VP-P). Dynamic trade-off
between High-Reference and Low-Reference modes can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com