Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 24Page - Microchip Technology MCP37231 Datasheet HTML 25Page - Microchip Technology MCP37231 Datasheet HTML 26Page - Microchip Technology MCP37231 Datasheet HTML 27Page - Microchip Technology MCP37231 Datasheet HTML 28Page - Microchip Technology MCP37231 Datasheet HTML 29Page - Microchip Technology MCP37231 Datasheet HTML 30Page - Microchip Technology MCP37231 Datasheet HTML 31Page - Microchip Technology MCP37231 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 28
 2014-2016 Microchip Technology Inc.
FIGURE 2-7:
POR-Related Events: Register Initialization and Power-Up Calibration.
FIGURE 2-8:
RESET Pin Timing Diagram.
FIGURE 2-9:
Sync Timing Diagram with Power-On Reset.
AVDD12
Power-on Reset (POR)
227 cycles
(TPCAL)
Power-Up calibration complete.
• Registers are initialized
• Device is ready for correct conversion
RESET Pin
tRESET
Stop ADC conversion
and ADC recalibration
Power-Up Calibration Time
Start register initialization
(TPCAL)
Recalibration complete:
• CAL Pin: High
• ADC_CAL_STAT = 1
POR (Power-On Reset)
(~ 220 clock cycles)
SYNC Output
CAL Pin (Output)
Data Output
Clock Input
Valid Data
A. Master Device
Toggle to High at the 2nd rising edge of Clock Input
TPCAL
SYNC Input
CAL Pin (Output)
Data Output
Clock Input
B. Slave Device(s)
TPCAL
(SLAVE Pin = 1)
(SLAVE Pin = 0)
Valid Data
Invalid Data
Invalid Data
1
2
1
2
TSYNC_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com