Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 67Page - Microchip Technology MCP37231 Datasheet HTML 68Page - Microchip Technology MCP37231 Datasheet HTML 69Page - Microchip Technology MCP37231 Datasheet HTML 70Page - Microchip Technology MCP37231 Datasheet HTML 71Page - Microchip Technology MCP37231 Datasheet HTML 72Page - Microchip Technology MCP37231 Datasheet HTML 73Page - Microchip Technology MCP37231 Datasheet HTML 74Page - Microchip Technology MCP37231 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 71
MCP37231/21-200 AND MCP37D31/21-200
4.12.3
SERIALIZED LVDS MODE
This output mode is only available for octal-channel
operation with 16-bit data output, and uses eight output
lanes: a single LVDS pair for each channel output as
shown in Figure 2-6.
Each channel’s data is serialized by the data serializer,
and the outputs are available through eight LVDS
output lanes. Each differential LVDS output pair holds
a single input channel's data, and clocks out data with
double data rate (DDR), which is synchronized with
WCK/OVR bit:
• Q7+/Q7- pair: 1st channel selected
• Q6+/Q6- pair: 2nd channel selected
•
•
• Q0+/Q0- pair: last channel selected
4.12.4
OVERRANGE BIT (OVR)
The input overrange status bit is asserted (logic high)
when the analog input has exceeded the full-scale
range of the ADC in either the positive or negative
direction. In LVDS DDR Output mode, the OVR bit is
multiplexed with the word clock (WCK) output bit such
that OVR is output on the falling edge of the data output
clock and WCK on the rising edge.
The OVR bit has the same pipeline latency as the
ADC data bits. In multi-channel mode, the OVR is out-
put independently for each input channel and is syn-
chronized to the data. In serialized LVDS mode (for
16-bit octal channel), the MSb is asserted coincident
with the WCK rising edge. OVR will be asserted if any
of the channels are overranged, but it does not specify
which channel is overranged. See Address 0x68
(Register 5-26) for OVR and WCK control options.
If DSPP options are enabled, OVR pipeline latency will
be unaffected; however, the data will incur additional
delay. This has the effect of allowing the OVR indicator
to precede the affected data.
4.12.5
WORD CLOCK (WCK)
The word clock output bit indicates the start of a new
data set. In single-channel mode, this bit is disabled
except for I/Q output mode. In DDR output with multi-
channel mode, it is always asserted coincidentally with
the data from the first sampled channel, and
multiplexed with the OVR bit. See Address 0x07
(Register 5-5) and Address 0x68 (Register 5-26) for
OVR and WCK control options.
4.12.6
LVDS OUTPUT POLARITY
CONTROL
In LVDS mode, the output polarity can be controlled
independently
for
each
LVDS
pair.
Table 4-20
summarizes the LVDS output polarity control register bits.
4.12.7
PROGRAMMABLE LVDS OUTPUT
In LVDS mode, the default output driver current is
3.5 mA. This current can be adjusted by using the
LVDS_IMODE<2:0> bit setting in Address 0x63
(Register 5-21). Available output drive currents are
1.8 mA, 3.5 mA, 5.4 mA and 7.2 mA.
4.12.8
OPTIONAL LVDS DRIVER
INTERNAL TERMINATION
In most cases, using an external 100Ω termination
resistor will give excellent LVDS signal integrity. In
addition, an optional internal 100Ω termination resistor
can be enabled by setting the LVDS_LOAD bit in
Address 0x63 (Register 5-21). The internal termination
helps absorb any reflections caused by imperfect
impedance termination at the receiver.
4.12.9
OUTPUT DATA AND CLOCK RATES
The user can reduce output data and output clock rates
using Address 0x02 (Register 5-3). When decimation
or digital down-conversion (DDC) is used, the output
data rate has to be reduced to synchronize with the
reduced output clock rate.
4.12.10
PHASE SHIFTING OF OUTPUT
CLOCK (DCLK)
In full-rate CMOS mode, the data output bit transition
occurs at the rising edge of DCLK+, so the falling edge
of DCLK+ can be used to latch the output data.
In double-data-rate LVDS mode, the data transition
occurs at both the rising and falling edges of DCLK+.
For adequate setup and hold time when latching the
data into the external host device, the user can shift the
phase of the digital clock output (DCLK+/DCLK-)
relative to the data output bits.
Note:
Output Data Rate in LVDS Mode: In
octal-channel mode, the input sample rate
per channel is fS/8. Therefore, the output
data rate required to shift out all 16 bits in
DDR is still equivalent to fS. For example,
if fS = 200 Msps, each channel’s sample
rate is fS/8 = 25 Msps, and the output
clock rate (DCLK) for 16-bit DDR output is
200 MHz.
TABLE 4-20:
LVDS OUTPUT POLARITY
CONTROL
Control
Parameter
Register
Descriptions
POL_LVDS<7:0>
0x65
Control polarity of LVDS
data pairs
POL_WCK_OVR
0x68
Control polarity of WCK
and OVR bit pair
POL_DM1DM2
0x68
Control polarity of DM+
and DM- pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com