Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 84 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 84 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 80Page - Microchip Technology MCP37231 Datasheet HTML 81Page - Microchip Technology MCP37231 Datasheet HTML 82Page - Microchip Technology MCP37231 Datasheet HTML 83Page - Microchip Technology MCP37231 Datasheet HTML 84Page - Microchip Technology MCP37231 Datasheet HTML 85Page - Microchip Technology MCP37231 Datasheet HTML 86Page - Microchip Technology MCP37231 Datasheet HTML 87Page - Microchip Technology MCP37231 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 84
MCP37231/21-200 AND MCP37D31/21-200
REGISTER 5-1:
ADDRESS 0X00 – SPI BIT ORDERING AND ADC MODE SELECTION(1)
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
SHUTDOWN
LSb_FIRST
SOFT_RESET
STANDBY
STANDBY
SOFT_RESET
LSb_FIRST
SHUTDOWN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SHUTDOWN: Shutdown mode setting for power-saving(2)
1
=
ADC in Shutdown mode
0
= Not in Shutdown mode (Default)
bit 6
LSb_FIRST: Select SPI communication bit order
1
=
Start SPI communication with LSb first
0
= Start SPI communication with MSb first (Default)
bit 5
SOFT_RESET: Soft Reset control bit(3)
1
=
Not in Soft Reset mode (Default)
0
= ADC in Soft Reset
bit 4
STANDBY: Send the device into a power-saving Standby mode(4)
1
=
ADC in Standby mode
0
=
Not in Standby mode (Default)
bit 3
STANDBY: Send the device into a power-saving Standby mode(4)
1
=
ADC in Standby mode
0
=
Not in Standby mode (Default)
bit 2
SOFT_RESET: Soft Reset control bit(3)
1
= Not in Soft Reset mode (Default)
0
= ADC in Soft Reset
bit 1
LSb_FIRST: Select SPI communication bit order
1
=
Start SPI communication with LSb first
0
=
Start SPI communication with MSb first (Default)
bit 0
SHUTDOWN: Shutdown mode setting for power-saving(2)
1
= ADC in Shutdown mode
0
= Not in Shutdown mode (Default)
Note
1:
Upper and lower nibble are mirrored, which makes the MSb- or LSb-first mode interchangeable. The lower nibble (bit <3:0>)
has a higher priority when the mirrored bits have different values.
2:
During Shutdown mode, most of the internal circuits including the reference and clock are turned-off except for the SPI
interface. When exiting from Shutdown (changing from ‘1’ to ‘0’), executing the device Soft Reset simultaneously is highly
recommended for a fast recalibration of the ADC. The internal user registers are not affected.
3:
This bit forces the device into Soft Reset mode, which initializes the internal calibration registers to their initial default states.
The user-registers are not affected. When exiting Soft Reset mode (changing from ‘0’ to ‘1’), the device performs an automatic
device calibration including PLL calibration if PLL is enabled. DLL is reset if enabled. During Soft Reset, the device has the
following states:
- no ADC output
- no change in power-on condition of internal reference
- most of the internal clocks are not distributed
- power consumption: (a) digital section - negligible, (b) analog section - no change
4:
During Standby mode, most of the internal circuits are turned off except for the reference, clock and SPI interface. When exiting
from Standby mode (changing from ‘1’ to ‘0’) after an extended amount of time, executing Soft Reset simultaneously is highly
recommended. The internal user registers are not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com