Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 28Page - Microchip Technology MCP37231 Datasheet HTML 29Page - Microchip Technology MCP37231 Datasheet HTML 30Page - Microchip Technology MCP37231 Datasheet HTML 31Page - Microchip Technology MCP37231 Datasheet HTML 32Page - Microchip Technology MCP37231 Datasheet HTML 33Page - Microchip Technology MCP37231 Datasheet HTML 34Page - Microchip Technology MCP37231 Datasheet HTML 35Page - Microchip Technology MCP37231 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 32
 2014-2016 Microchip Technology Inc.
3.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, AVDD18 =DVDD18 =1.8V, AVDD12 =DVDD12 =1.2V, GND = 0V,
SENSE = AVDD12, Single-channel mode, Differential Analog Input (AIN) = Sine wave with amplitude of -1 dBFS, fIN =70 MHz, Clock
Input = 200 MHz, fS = 200 Msps (ADC Core), Resolution = 16-bit, PLL and decimation filters are disabled.
FIGURE 3-1:
FFT for 14.7 MHz Input
Signal: fS = 200 Msps/Ch., AIN = -1 dBFS.
FIGURE 3-2:
FFT for 69.5 MHz Input
Signal: fS = 200 Msps/Ch., AIN = -1 dBFS.
FIGURE 3-3:
FFT for 149 MHz Input
Signal: fS = 200 Msps/Ch., AIN = -1 dBFS.
FIGURE 3-4:
FFT for 14.7 MHz Input
Signal: fS = 200 Msps/Ch., AIN = -4 dBFS.
FIGURE 3-5:
FFT for 69.5 MHz Input
Signal: fS = 200 Msps/Ch., AIN = -4 dBFS.
FIGURE 3-6:
FFT for 149 MHz Input
Signal: fS = 200 Msps/Ch., AIN = -4 dBFS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com