Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 81Page - Microchip Technology MCP37231 Datasheet HTML 82Page - Microchip Technology MCP37231 Datasheet HTML 83Page - Microchip Technology MCP37231 Datasheet HTML 84Page - Microchip Technology MCP37231 Datasheet HTML 85Page - Microchip Technology MCP37231 Datasheet HTML 86Page - Microchip Technology MCP37231 Datasheet HTML 87Page - Microchip Technology MCP37231 Datasheet HTML 88Page - Microchip Technology MCP37231 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 85
 2014-2016 Microchip Technology Inc.
REGISTER 5-2:
ADDRESS 0X01 – NUMBER OF CHANNELS, INDEPENDENCY CONTROL OF OUTPUT
DATA AND CLOCK DIVIDER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
EN_DATCLK_IND
FCB<3>
SEL_NCH<2:0>
FCB<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EN_DATCLK_IND: Enable data and clock divider independently(1)
1
=
Enabled
0
=
Disabled (Default)
bit 6
FCB<3>: Factory-Controlled Bit. This is not for the user. Do not change default setting.
bit 5-3
SEL_NCH<2:0>: Select the total number of input channels to be used(2)
111
= 7 inputs
110
= 6 inputs
101
= 5 inputs
100
= 4 inputs
011
= 3 inputs
010
= 2 inputs
001
= 1 input (Default)
000
= 8 inputs
bit 2-0
FCB<2:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
Note
1:
EN_DATCLK_IND = 1 enables OUT_CLKRATE<3:0> settings in Address 0x02 (Register 5-3).
2:
See Addresses 0x7D – 0x7F (Registers 5-37 – 5-39) for selecting the input channel order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com