Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 53Page - Microchip Technology MCP37231 Datasheet HTML 54Page - Microchip Technology MCP37231 Datasheet HTML 55Page - Microchip Technology MCP37231 Datasheet HTML 56Page - Microchip Technology MCP37231 Datasheet HTML 57Page - Microchip Technology MCP37231 Datasheet HTML 58Page - Microchip Technology MCP37231 Datasheet HTML 59Page - Microchip Technology MCP37231 Datasheet HTML 60Page - Microchip Technology MCP37231 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 57
MCP37231/21-200 AND MCP37D31/21-200
I
FIGURE 4-15:
Simplified Block Diagram of Decimation Filters.
TABLE 4-13:
REGISTER CONTROL PARAMETERS FOR USING DECIMATION FILTERS
Control Parameter
Register
Descriptions
Decimation Filter Settings
FIR_A<8:0>
0x7A, 0x7B
Channel A FIR configuration for single- or dual-channel mode
FIR_B<7:0>
0x7C
Channel B FIR configuration for single- or dual-channel mode
Output Data Rate and Clock Rate Settings(1)
OUT_DATARATE<3:0>
0x02
Output data rate: Equal to decimation rate
OUT_CLKRATE<3:0>
0x02
Output clock rate: Equal to decimation rate
Output Clock Phase Control Settings(2)
EN_PHDLY
0x64
Enable digital output phase delay when decimation filter is used
DCLK_PHDLY_DEC<2:0>
0x64
Digital output clock phase delay control
Digital Signal Post-Processing (DSPP) Function Block Settings
EN_DSPP_2 = 1
0x79
Enable dual-channel decimation
Note 1:
The output data and clock rates must be updated when decimation rates are changed.
2:
Output clock (DCLK) phase control is used when the output clock is divided by OUT_CLKRATE<3:0>
bit settings.
Stage 1A
FIR
Input
DeMUX
Stage 2A
FIR
Stage 2B
FIR
Stage 3A
FIR
Stage 3B
FIR
Output
D2
Single
D2
Dual
Output
D4
Dual
Stage 9A
FIR
Stage 9B
FIR
Output
D128
I/Q
D4
Single
D8
Single
D512
Single
Ch. A
Ch. B
Single-channel operation
Single
2
2
2
2
2
2
2
(Note 1)
(Note 2)
(Note 3)
Ch.
Input
Dual
Ch.
Input
Input
DeMUX
Ch. A
Ch. B
Input for DDC
MUX
MUX
MUX
DDC I/Q filtering
Output
D256
Dual
MUX
Note 1: Stage 1A FIR is the first stage of the FIR A filter.
2: (a) Single-channel mode: Only Channel A is used and controlled by FIR_A<8:0>.
(b) Dual-channel mode or I/Q filtering in DDC mode: Both Channel A and Channel B are used: Channel A is used for
the first channel or I data, and Channel B is used for the second channel or Q data.
3: Maximum decimation rate:
(a) When I/Q filtering in DDC mode is not used: 512x for single-channel and 256x for dual-channel mode.
(b) I/Q filtering in DDC mode: 128x each for FIR_A<8:1> and FIR_B<7:0>.
Dual-channel operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com