Electronic Components Datasheet Search
  English  ▼

X  

MCP37231 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 41Page - Microchip Technology MCP37231 Datasheet HTML 42Page - Microchip Technology MCP37231 Datasheet HTML 43Page - Microchip Technology MCP37231 Datasheet HTML 44Page - Microchip Technology MCP37231 Datasheet HTML 45Page - Microchip Technology MCP37231 Datasheet HTML 46Page - Microchip Technology MCP37231 Datasheet HTML 47Page - Microchip Technology MCP37231 Datasheet HTML 48Page - Microchip Technology MCP37231 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 45
MCP37231/21-200 AND MCP37D31/21-200
4.5.3
DECOUPLING CIRCUITS FOR
INTERNAL VOLTAGE REFERENCE
AND BANDGAP OUTPUT
4.5.3.1
Decoupling Circuits for REF1 and
REF0 Pins
The device has two internal voltage references, and
these references are available at pins REF0 and REF1.
REF0 is the internal voltage reference for the ADC
input stage, while REF1 is for all remaining stages.
VTLA-124 Package Device: Figure 4-7 shows the
recommended circuit for the REF1 and REF0 pins for
the VTLA-124 package. Placing a 2.2 µF ceramic
capacitor with two additional optional capacitors (22 nF
and 220 nF) between the positive and negative
reference pins is recommended. The negative
reference pin is then grounded through a 220 nF
capacitor. The capacitors should be placed as close to
the ADC as possible with short and thick traces. Vias
on the PCB are not recommended for this reference pin
circuit.
TFBGA-121 Package Device: The decoupling capac-
itor is embedded in the package. Therefore, no external
circuit is required on the PCB.
4.5.3.2
Decoupling Circuit for VBG Pin
The bandgap circuit is a part of the reference circuit and
the output is available at the VBG pin.
VTLA-124 Package Device: VBG pin needs an
external decoupling capacitor (2.2 µF) as shown in
Figure 4-7.
TFBGA-121 Package Device: The decoupling capac-
itor is embedded in the package. Therefore, no external
circuit is required on the PCB.
FIGURE 4-7:
External Circuit for Voltage
Reference and VBG pins for the VTLA-124
Package. Note that this external circuit is not
required for the TFBGA-121 package.
4.6
External Clock Input
For optimum performance, the MCP37XXX requires a
low-jitter differential clock input at the CLK+ and CLK−
pins. Figure 4-8 shows the equivalent clock input
circuit.
FIGURE 4-8:
Equivalent Clock Input
Circuit.
The clock input amplitude range is between 300 mVP-P
and 800 mVP-P. When a single-ended clock source is
used, an RF transformer or balun can be used to
convert the clock into a differential signal for the best
ADC performance. Figure 4-9 shows an example clock
input circuit. The common-mode voltage is internally
generated and a center-tap is not required. The
back-to-back Schottky diodes across the transformer’s
secondary current limit the clock amplitude to
approximately 0.8 VP-P differential. This limiter helps
prevent large voltage swings of the input clock while
preserving the high slew rate that is critical for low jitter.
FIGURE 4-9:
Transformer-Coupled
Differential Clock Input Configuration.
REF1+ REF1-
2.2 µF
22 nF
220 nF
220 nF
REF0+ REF0-
2.2 µF
22 nF
220nF
2.2 µF
VBG
220 nF
(optional)
CLK+
CLK-
2pF
300
AVDD12
AVDD12
300
12 k
Clock
Buffer
100 fF
100 fF
~300 fF
AVDD12
MCP37XXX
~300 fF
CLK+
CLK-
0.1 µF
Clock
50
Schottky
(HSMS-2812)
6
1
4
3
WBC1-1TL
Coilcraft
Diodes
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com