Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 145 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 145 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 141Page - Dallas Semiconductor DS26401 Datasheet HTML 142Page - Dallas Semiconductor DS26401 Datasheet HTML 143Page - Dallas Semiconductor DS26401 Datasheet HTML 144Page - Dallas Semiconductor DS26401 Datasheet HTML 145Page - Dallas Semiconductor DS26401 Datasheet HTML 146Page - Dallas Semiconductor DS26401 Datasheet HTML 147Page - Dallas Semiconductor DS26401 Datasheet HTML 148Page - Dallas Semiconductor DS26401 Datasheet HTML 149Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
145
Register Name:
TIBOC
Register Description:
Transmit Interleave Bus Operation Control Register
Register Address:
188h
Bit #
7
6
5
4
3
2
1
0
Name
—
IBS1
IBS0
IBOSEL
IBOEN
DA2
DA1
DA0
Default
0
0
0
0
0
0
0
0
Bits 0 to 2 / Device Assignment Bits (DA0 to DA2)
DA2
DA1
DA0
Device Position
0
0
0
1st Device on bus
0
0
1
2nd Device on bus
0
1
0
3rd Device on bus
0
1
1
4th Device on bus
1
0
0
5th Device on bus
1
0
1
6th Device on bus
1
1
0
7th Device on bus
1
1
1
8th Device on bus
Bit 3 / Interleave Bus Operation Enable (IBOEN)
0 = Interleave Bus Operation disabled.
1 = Interleave Bus Operation enabled.
Bit 4 / Interleave Bus Operation Select (IBOSEL).
This bit selects channel or frame interleave mode.
0 = Channel Interleave
1 = Frame Interleave
Bits 5 to 6 / IBO Bus Size bit 1 (IBS0 to IBS1).
Indicates how many devices on the bus.
IBS1
IBS0
Bus Size
0
0
2 Devices on bus
0
1
4 Devices on bus
1
0
8 Devices on bus
1
1
Reserved for future use
Bit 7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com