Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 146 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 146 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 142Page - Dallas Semiconductor DS26401 Datasheet HTML 143Page - Dallas Semiconductor DS26401 Datasheet HTML 144Page - Dallas Semiconductor DS26401 Datasheet HTML 145Page - Dallas Semiconductor DS26401 Datasheet HTML 146Page - Dallas Semiconductor DS26401 Datasheet HTML 147Page - Dallas Semiconductor DS26401 Datasheet HTML 148Page - Dallas Semiconductor DS26401 Datasheet HTML 149Page - Dallas Semiconductor DS26401 Datasheet HTML 150Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
146
9.21 Interfacing the T1 Tx Formatter to the BERT
Data from the BERT can be inserted into the DS26401 transmit formatter data stream by using the registers
described below. Either framed or unframed format can be transmitted, controlled by the TBFUS bit in the TBICR.
Any signal DS0, combination of DS0s, or the entire bandwidth can be replaced with the BERT data as controlled by
the TBCS registers.
Note that one BERT resource is shared between all 8 framers. Therefore, the TBEN bit should be set for only one
framer at a time. If multiple framers have the TBEN bit set, the lower number framer will be assigned the resource.
Register Name:
TBICR
Register Description:
Transmit BERT Interface Control Register
Register Address:
18Ah + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
TBDC
TBFUS
TBEN
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit BERT Enable (TBEN)
0 = Transmit BERT is not assigned to this framer.
1 = Transmit BERT is assigned to this framer.
Bit 1 / Transmit BERT Framed/Unframed Select (TBFUS)
0 = The framer will not provide data from the F-bit position (framed)
1 = The framer will clock data from the F-bit position (unframed)
Bit 2 / Transmit BERT Direction Control (TBDC)
0 = Transmit Path: The BERT transmits toward the network via the TPOS and TNEG pins.
1 = Backplane: The BERT transmits toward the system backplane via the RSER pin.
Bits 3 to 7 / Unused. Must be set = 0 for proper operation.
Register Name:
TBCS1, TBCS2, TBCS3
Register Description:
Transmit BERT Channel Select Registers
Register Address:
0D4h, 0D5h, 0D6h [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
Setting any of the CH1 through CH24 bits in the TBCS1 through TBCS3 registers will map data from those
channels to the on-board BERT. TBEN must be set to one for these registers to function. Multiple, or all channels
may be selected simultaneously. These registers affect the transmit-side framer only.
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TBCS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com