Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 142 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 142 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 138Page - Dallas Semiconductor DS26401 Datasheet HTML 139Page - Dallas Semiconductor DS26401 Datasheet HTML 140Page - Dallas Semiconductor DS26401 Datasheet HTML 141Page - Dallas Semiconductor DS26401 Datasheet HTML 142Page - Dallas Semiconductor DS26401 Datasheet HTML 143Page - Dallas Semiconductor DS26401 Datasheet HTML 144Page - Dallas Semiconductor DS26401 Datasheet HTML 145Page - Dallas Semiconductor DS26401 Datasheet HTML 146Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
142
9.19 Programmable In-Band Loop-Code Generator
The DS26401 has the ability to generate and detect a repeating bit pattern from one to eight bits or sixteen bits in
length. This function is available only in T1 mode. To transmit a pattern, the user will load the pattern to be sent into
the Transmit Code Definition registers (TCD1&TCD2) and select the proper length of the pattern by setting the TC0
and TC1 bits in Transmit Control Register 4 (TCR4). When generating a 1-, 2-, 4-, 8-, or 16-bit pattern both
transmit code definition registers (TCD1&TCD2) must be filled with the proper code. Generation of a 3, 5, 6 and 7
bit pattern only requires TCD1 to be filled. Once this is accomplished, the pattern will be transmitted as long as the
TLOOP control bit (TCR3.0) is enabled. Normally (unless the transmit formatter is programmed to not insert the F-
bit position) the framer will overwrite the repeating pattern once every 193 bits to allow the F–bit position to be sent.
As an example, to transmit the standard “loop-up” code for Channel Service Units (CSUs), which is a repeating
pattern of ...10000100001..., set TCD1 = 80h, TC0=0, TC1=0, and TCR3.0 = 1.
This register definition is repeated here for convenience.
Register Name:
TCR4
Register Description:
Transmit Control Register 4
Register Address:
186h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
-
-
-
-
TRAIM
TAISM
TC1
TC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 1 / Transmit Code Length Definition Bits (TC0 to TC1)
TC1
TC0
LENGTH SELECTED (BITS)
0
0
5
0
1
6/3
1
0
7
1
1
16/8/4/2/1
Bit 2 / Transmit AIS Mode (TAISM).
Determines the pattern sent when TAIS (TCR1.1) is activated.
0 = transmit normal AIS (unframed all ones) upon activation with TCR1.1
1 = transmit AIS-CI (T1.403) upon activation with TCR1.1
Bit 3 / Transmit RAI Mode (TRAIM).
Determines the pattern sent when TRAI (TCR1.0) is activated in ESF frame
mode only.
0 = transmit normal RAI upon activation with TCR1.0
1 = transmit RAI-CI (T1.403) upon activation with TCR1.0
Bits 4 to 7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com