Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 138 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 138 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 134Page - Dallas Semiconductor DS26401 Datasheet HTML 135Page - Dallas Semiconductor DS26401 Datasheet HTML 136Page - Dallas Semiconductor DS26401 Datasheet HTML 137Page - Dallas Semiconductor DS26401 Datasheet HTML 138Page - Dallas Semiconductor DS26401 Datasheet HTML 139Page - Dallas Semiconductor DS26401 Datasheet HTML 140Page - Dallas Semiconductor DS26401 Datasheet HTML 141Page - Dallas Semiconductor DS26401 Datasheet HTML 142Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
138
Register Name:
TLS2
Register Description:
Transmit Latched Status Register 2 (HDLC)
Register Address:
191h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
TFDLE
TUDR
TMEND
TLWMS
TNFS
Default
0
0
0
0
0
0
0
0
All bits in this register are latched and can create interrupts.
Bit 0 / Transmit FIFO Not Full Set Condition (TNFS).
Set when the transmit 64–byte FIFO has at least one empty
byte available for write. Rising edge detect of TNF. Indicates change of state from full to not full.
Bit 1 / Transmit FIFO Below Low Watermark Set Condition (TLWMS).
Set when the transmit 64-byte FIFO
empties beyond the low watermark as defined by the Transmit Low Watermark Bits (TLWM) (rising edge detect of
TLWM).
Bit 2 / Transmit Message End Event (TMEND).
Set when the transmit HDLC controller has finished sending a
message.
Bit 3 / Transmit FIFO Underrun Event (TUDR).
Set when the transmit FIFO empties out without having seen the
TMEND bit set. An abort is automatically sent.
Bit 4 / Transmit FDL Register Empty (TFDLE).
Set when the TFDL register has shifted out all 8 bits. Useful if the
user wants to manually use the TFDL register to send messages, instead of using the HDLC or BOC controller
circuits.
Bits 5 to 7 / Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com