Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 137 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 137 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 133Page - Dallas Semiconductor DS26401 Datasheet HTML 134Page - Dallas Semiconductor DS26401 Datasheet HTML 135Page - Dallas Semiconductor DS26401 Datasheet HTML 136Page - Dallas Semiconductor DS26401 Datasheet HTML 137Page - Dallas Semiconductor DS26401 Datasheet HTML 138Page - Dallas Semiconductor DS26401 Datasheet HTML 139Page - Dallas Semiconductor DS26401 Datasheet HTML 140Page - Dallas Semiconductor DS26401 Datasheet HTML 141Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
137
9.17.2 HDLC Status and Information
TLS2 provides status information for the transmit HDLC controller. When a particular event has occurred (or is
occurring), the appropriate bit in one of these registers will be set to a one. Some of the bits in these registers are
latched and some are real time bits that are not latched. This section contains register descriptions that list which
bits are latched and which are real time. With the latched bits, when an event occurs and a bit is set to a one, it will
remain set until the user reads that bit. The bit will be cleared when it is read and it will not be set again until the
event has occurred again. The real time bits report the current instantaneous conditions that are occurring and the
history of these bits is not latched.
Like the other latched status registers, the user will follow a read of the status bit with a write. The byte written to the
register will inform the device which of the latched bits the user wishes to clear (the real-time bits are not affected by
writing to the status register). The user will write a byte to one of these registers, with a one in the bit positions he or
she wishes to clear and a zero in the bit positions he or she does not wish to clear.
The HDLC status register, TLS2 has the ability to initiate a hardware interrupt via the INT output signal. Each of the
events in this register can be either masked or unmasked from the interrupt pin via the receive HDLC Interrupt
Mask Register (TIM2). Interrupts will force the INT signal low when the event occurs. The INT pin will be allowed to
return high (if no other interrupts are present) when the user reads the event bit that caused the interrupt to occur.
Register Name:
TRTS2
Register Description:
Transmit Real-Time Status Register 2 (HDLC)
Register Address:
1B1h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
TEMPTY
TFULL
TLWM
TNF
Default
0
0
0
0
0
0
0
0
All bits in this register are real time.
Bit 0 / Transmit FIFO Not Full Condition (TNF).
Set when the transmit 64-byte FIFO has at least 1 byte available.
Bit 1 / Transmit FIFO Below Low Watermark Condition (TLWM).
Set when the transmit 64-byte FIFO empties
beyond the low watermark as defined by the Transmit Low Watermark Bits (TLWM).
Bit 2 / Transmit FIFO Full (TFULL).
A real-time bit that is set high when the FIFO is full.
Bit 3 / Transmit FIFO Empty (TEMPTY).
A real-time bit that is set high when the FIFO is empty.
Bits 4 to 7 / Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com