Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 136 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 136 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 132Page - Dallas Semiconductor DS26401 Datasheet HTML 133Page - Dallas Semiconductor DS26401 Datasheet HTML 134Page - Dallas Semiconductor DS26401 Datasheet HTML 135Page - Dallas Semiconductor DS26401 Datasheet HTML 136Page - Dallas Semiconductor DS26401 Datasheet HTML 137Page - Dallas Semiconductor DS26401 Datasheet HTML 138Page - Dallas Semiconductor DS26401 Datasheet HTML 139Page - Dallas Semiconductor DS26401 Datasheet HTML 140Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
136
9.17.1 Transmit HDLC FIFO Control
Control of the transmit FIFO is accomplished via the Transmit HDLC FIFO Control (THFC). The FIFO Control
register sets the watermarks for the receive FIFO.
When the transmit FIFO empties below the low watermark, the TLWM bit in the appropriate HDLC status register
will be set. TLWM is a real-time bit and remains set as long as the transmit FIFO’s write pointer is below the
watermark. If enabled, this condition can also cause an interrupt via the INT pin.
Register Name:
THFC
Register Description:
Transmit HDLC FIFO Control Register
Register Address:
187h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
TFLWM1
TFLWM0
Default
0
0
0
0
0
0
0
0
Bit 0 to Bit 1 / Transmit HDLC FIFO Low Watermark Select (TFLWM0 to TFLWM1)
TFLWM1
TFLWM0
Transmit FIFO Watermark
0
0
4 bytes
0
1
16 bytes
1
0
32 bytes
1
1
48 bytes
Bits 2 to 7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com