Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 150 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 150 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 146Page - Dallas Semiconductor DS26401 Datasheet HTML 147Page - Dallas Semiconductor DS26401 Datasheet HTML 148Page - Dallas Semiconductor DS26401 Datasheet HTML 149Page - Dallas Semiconductor DS26401 Datasheet HTML 150Page - Dallas Semiconductor DS26401 Datasheet HTML 151Page - Dallas Semiconductor DS26401 Datasheet HTML 152Page - Dallas Semiconductor DS26401 Datasheet HTML 153Page - Dallas Semiconductor DS26401 Datasheet HTML 154Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
150
10. E1 RECEIVER
10.1 E1 Receiver Register Map
ADDRESS
TYPE
FUNCTION
NAME
PAGE
000
—
Unused
—
—
001
—
Unused
—
—
002
—
Unused
—
—
003
—
Unused
—
—
004
—
Unused
—
—
005
—
Unused
—
—
006
—
Unused
—
—
007
—
Unused
—
—
008
—
Unused
—
—
009
—
Unused
—
—
00A
—
Unused
—
—
00B
—
Unused
—
—
00C
—
Unused
—
—
00D
—
Unused
—
—
00E
—
Unused
—
—
00F
—
Unused
—
—
010
R/W
Rx HDLC Control
RHC
200
011
R/W
Rx HDLC Bit Suppress
RHBSE
200
012
R/W
Rx DS0 Monitor Select
RDS0SEL
181
013
R/W
Rx Signaling Control
RSIGC
184
014
—
Unused
—
—
015
—
Unused
—
—
016
—
Unused
—
—
017
—
Unused
—
—
018
—
Unused
—
—
019
—
Unused
—
—
01A
—
Unused
—
—
01B
—
Unused
—
—
01C
R/W
Rx Test Register 1
RTEST1
—
01D
R/W
Rx Test Register 2
RTEST2
—
01E
R/W
Rx Test Register 3
RTEST3
—
01F
R/W
Rx Test Register 4
RTEST4
—
020
R/W
Rx Idle Definition 1
RIDR1
76
021
R/W
Rx Idle Definition 2
RIDR2
76
022
R/W
Rx Idle Definition 3
RIDR3
76
023
R/W
Rx Idle Definition 4
RIDR4
76
024
R/W
Rx Idle Definition 5
RIDR5
76
025
R/W
Rx Idle Definition 6
RIDR6
76
026
R/W
Rx Idle Definition 7
RIDR7
76
027
R/W
Rx Idle Definition 8
RIDR8
76
028
R/W
Rx Idle Definition 9
RIDR9
76
029
R/W
Rx Idle Definition 10
RIDR10
76
02A
R/W
Rx Idle Definition 11
RIDR11
76
02B
R/W
Rx Idle Definition 12
RIDR12
76
02C
R/W
Rx Idle Definition 13
RIDR13
76
02D
R/W
Rx Idle Definition 14
RIDR14
76
02E
R/W
Rx Idle Definition 15
RIDR15
76
02F
R/W
Rx Idle Definition 16
RIDR16
76
030
R/W
Rx Idle Definition 17
RIDR17
76
031
R/W
Rx Idle Definition 18
RIDR18
76
032
R/W
Rx Idle Definition 19
RIDR19
76
033
R/W
Rx Idle Definition 20
RIDR20
76
034
R/W
Rx Idle Definition 21
RIDR21
76
035
R/W
Rx Idle Definition 22
RIDR22
76
036
R/W
Rx Idle Definition 23
RIDR23
76
037
R/W
Rx Idle Definition 24
RIDR24
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com