Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 152 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 152 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 148Page - Dallas Semiconductor DS26401 Datasheet HTML 149Page - Dallas Semiconductor DS26401 Datasheet HTML 150Page - Dallas Semiconductor DS26401 Datasheet HTML 151Page - Dallas Semiconductor DS26401 Datasheet HTML 152Page - Dallas Semiconductor DS26401 Datasheet HTML 153Page - Dallas Semiconductor DS26401 Datasheet HTML 154Page - Dallas Semiconductor DS26401 Datasheet HTML 155Page - Dallas Semiconductor DS26401 Datasheet HTML 156Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
152
ADDRESS
TYPE
FUNCTION
NAME
PAGE
075
—
Unused
—
—
076
—
Unused
—
—
077
—
Unused
—
—
078
—
Unused
—
—
079
—
Unused
—
—
07A
—
Unused
—
—
07B
—
Unused
—
—
07C
—
Unused
—
—
07D
—
Unused
—
—
07E
—
Unused
—
—
07F
—
Unused
—
—
080
R/W
Rx Master Mode
RMMR
156
081
R/W
Rx Control 1
RCR1
158
082
R/W
Rx Control 2
RCR2
159
083
R/W
Rx Control 3
RCR3
160
084
R/W
Rx I/O Configuration
RIOCR
161
085
R/W
Rx Elastic Store Control
RESCR
190
086
R/W
Rx Error Count Configuration
ERCNT
176
087
R/W
Rx HDLC FIFO Control
RHFC
201
088
R/W
Rx Interleave Bus Op Control
RIBOC
209
089
—
Unused
—
—
08A
R/W
Rx BERT Interface Control
RBICR
210
08B
R/W
Rx BERT Bit Suppress Enable
RBBS
211
08C
—
Unused
—
—
08D
—
Unused
—
—
08E
R/W
Rx Test Register 5
RTEST5
08F
R/W
Rx Test Register 6
RTEST6
090
R/W
Rx Latched Status 1
RLS1
54
091
R/W
Rx Latched Status 2
RLS2
56
092
R/W
Rx Latched Status 3
RLS3
57
093
R/W
Rx Latched Status 4
RLS4
59
094
R/W
Rx Latched Status 5 (HDLC)
RLS5
97
095
—
Unused
—
—
096
—
Unused
—
—
097
—
Unused
—
—
098
R/W
Rx Signaling Change-of-State Status 1
RSS1
74
099
R/W
Rx Signaling Change-of-State Status 2
RSS2
74
09A
R/W
Rx Signaling Change-of-State Status 3
RSS3
74
09B
R/W
Rx Signaling Change-of-State Status 4
RSS4
74
09C
—
Unused
—
—
09D
—
Unused
—
—
09E
—
Unused
—
—
09F
R/W
Rx Interrupt Information Reg
RIIR
157
0A0
R/W
Rx Interrupt Mask Reg 1
RIM1
167
0A1
R/W
Rx Interrupt Mask Reg 2
RIM2
169
0A2
R/W
Rx Interrupt Mask Reg 3
RIM3
171
0A3
R/W
Rx Interrupt Mask Reg 4
RIM4
174
0A4
R/W
Rx Interrupt Mask Reg 5 (HDLC)
RIM5
206
0A5
—
Unused
—
—
0A6
—
Unused
—
—
0A7
—
Unused
—
—
0A8
R/W
Rx Signaling Change-of-State Enable 1
RSCSE1
186
0A9
R/W
Rx Signaling Change-of-State Enable 2
RSCSE2
186
0AA
R/W
Rx Signaling Change-of-State Enable 3
RSCSE3
186
0AB
R/W
Rx Signaling Change-of-State Enable 4
RSCSE4
186
0AC
—
Unused
—
—
0AD
—
Unused
—
—
0AE
—
Unused
—
—
0AF
—
Unused
—
—
0B0
R
Rx Real-Time Status 1
RRTS1
165
0B1
—
Unused
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com