Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 155 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 155 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 151Page - Dallas Semiconductor DS26401 Datasheet HTML 152Page - Dallas Semiconductor DS26401 Datasheet HTML 153Page - Dallas Semiconductor DS26401 Datasheet HTML 154Page - Dallas Semiconductor DS26401 Datasheet HTML 155Page - Dallas Semiconductor DS26401 Datasheet HTML 156Page - Dallas Semiconductor DS26401 Datasheet HTML 157Page - Dallas Semiconductor DS26401 Datasheet HTML 158Page - Dallas Semiconductor DS26401 Datasheet HTML 159Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
155
10.2 E1 Receive Framer Description and Operation
Eight fully independent DS1/E1 framers are included within the DS26401. The framers are designed to interface
seamlessly to the line side via an external LIU. Each framer can be individually programmed to accept AMI, HDB3
(E1), B8ZS (T1), or NRZ data. In E1 mode each framer supports FAS, CRC-4, and CAS frame formats, and
detects/reports common alarms such as AIS, RAI, LOS, and LOF. Performance monitor counters are maintains for
each port which report bipolar/line code violations, CRC-4 errors, FAS errors, and E-bits.
Each framer has an HDLC controller which can be mapped into a single time slot, or Sa4 to Sa8 bits (E1 Mode) or
the FDL (T1 Mode) and includes 64 byte FIFO buffers in both the transmit and receive paths.
Host interface is simplified with status registers optimized for either interrupt driven or polled environments. In
many cases, status bits are reported both real-time and latched on change-of-state with separate bits for each state
change. Most latched bits can be mapped to generate an external interrupt on the INT pin.
Interface to the system backplane is simplified with flexible, 2 frame elastic-store buffers. An interleaved backplane
option is also provided that supports 4.096, 8.192, or 16.384 MHz operation.
Additional details concerning the operation of the E1 framer are included within the register descriptions within this
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com