Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 222 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 222 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 218Page - Dallas Semiconductor DS26401 Datasheet HTML 219Page - Dallas Semiconductor DS26401 Datasheet HTML 220Page - Dallas Semiconductor DS26401 Datasheet HTML 221Page - Dallas Semiconductor DS26401 Datasheet HTML 222Page - Dallas Semiconductor DS26401 Datasheet HTML 223Page - Dallas Semiconductor DS26401 Datasheet HTML 224Page - Dallas Semiconductor DS26401 Datasheet HTML 225Page - Dallas Semiconductor DS26401 Datasheet HTML 226Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
222
Register Name:
TCR3
Register Description:
Transmit Control Register 3
Register Address:
183h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
ODF
ODM
TCSS1
TCSS0
MFRS
—
IBPV
CRC4R
Default
0
0
0
0
0
0
0
0
Bit 0 / CRC-4 Recalculate (CRC4R)
0 = transmit CRC-4 generation and insertion operates in normal mode
1 = transmit CRC-4 generation operates according to G.706 Intermediate Path Recalculation method.
Bit 1 / Insert BPV (IBPV).
A 0-to-1 transition on this bit will cause a single BiPolar Violation (BPV) to be inserted
into the transmit data stream. Once this bit has been toggled from a 0 to a 1, the device waits for the next
occurrence of three consecutive ones to insert the BPV. This bit must be cleared and set again for a subsequent
error to be inserted.
Bit 2 / Unused. Must be set = 0 for proper operation.
Bit 3 / Multiframe Reference Select (MFRS).
This bit selects the source for the transmit formatter multiframe
boundary.
0 = Normal Operation. Transmit multiframe boundary is determined by 'line-side' counters referenced to
TSYNC when TSYNC is an input. Free running when TSYNC is an output.
1 = Pass-Forward Operation. Tx multiframe boundary determined by 'system-side' counters referenced to
TSSYNC input, which is then 'passed forward' to the line side clock domain. This mode can only be used
when the transmit elastic store is enabled with a synchronous backplane (i.e., no frame slips allowed). This
mode must be used to allow Tx hardware signaling insertion while the Tx elastic store is enabled.
Bit 4 / Transmit Clock Source Select bit 0 (TCSS0)
Bit 5 / Transmit Clock Source Select bit 1 (TCSS1)
TCSS1
TCSS0
Transmit Clock Source
0
0
The TCLK pin is always the source of Transmit Clock.
0
1
Switch to the clock present at RCLK when the signal at the TCLK pin fails to
transition after 1 channel time.
1
0
For Future Use
1
1
Use the signal present at RCLK as the Transmit Clock. The TCLK pin is ignored.
Bit 6 / Output Data Mode (ODM)
0 = pulses at TPOS and TNEG are one full TCLK period wide
1 = pulses at TPOS and TNEG are 1/2 TCLK period wide
Bit 7 / Output Data Format (ODF)
0 = bipolar data at TPOS and TNEG
1 = NRZ data at TPOS; TNEG = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com