Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 225 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 225 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 221Page - Dallas Semiconductor DS26401 Datasheet HTML 222Page - Dallas Semiconductor DS26401 Datasheet HTML 223Page - Dallas Semiconductor DS26401 Datasheet HTML 224Page - Dallas Semiconductor DS26401 Datasheet HTML 225Page - Dallas Semiconductor DS26401 Datasheet HTML 226Page - Dallas Semiconductor DS26401 Datasheet HTML 227Page - Dallas Semiconductor DS26401 Datasheet HTML 228Page - Dallas Semiconductor DS26401 Datasheet HTML 229Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
225
11.8 E1 Transmit Status and Information
When a particular event has occurred (or is occurring), the appropriate bit in one of these registers will be set to a
one. Status bits may operate in either a latched or real-time fashion. Some latched bits may be enabled to generate
a hardware interrupt via the INT signal.
Real-Time Bits
Some status bits operate in a real-time fashion. These bits are read-only and indicate the present state of an alarm
or a condition. Real-time bits will remain stable, and valid during the host read operation. The current value of the
internal status signals can be read at any time from the real-time status registers without changing any the latched
status register bits
Latched Bits
When an event or an alarm occurs and a latched bit is set to a one, it will remain set until cleared by the user.
These bits typically respond on a change-of-state for an alarm, condition, or event; and operate in a read-then-write
fashion. The user should read the value of the desired status bit, and then write a 1 to that particular bit location in
order to clear the latched value (write a ‘0’ to locations not to be cleared). Once the bit is cleared, it will not be set
again until the event has occurred again.
Mask Bits
Some of the alarms and events can be either masked or unmasked from the interrupt pin via the Interrupt Mask
Registers (TIMx). When unmasked, the INT signal will be forced low when the enabled event or condition occurs.
The INT pin will be allowed to return high (if no other unmasked interrupts are present) when the user reads then
clears (with a write) the alarm bit that caused the interrupt to occur. Note that the latched status bit and the INT pin
will clear even if the alarm is still present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com