Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 228 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 228 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 224Page - Dallas Semiconductor DS26401 Datasheet HTML 225Page - Dallas Semiconductor DS26401 Datasheet HTML 226Page - Dallas Semiconductor DS26401 Datasheet HTML 227Page - Dallas Semiconductor DS26401 Datasheet HTML 228Page - Dallas Semiconductor DS26401 Datasheet HTML 229Page - Dallas Semiconductor DS26401 Datasheet HTML 230Page - Dallas Semiconductor DS26401 Datasheet HTML 231Page - Dallas Semiconductor DS26401 Datasheet HTML 232Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
228
11.9 Per-Channel Loopback
The Per-Channel Loopback Registers (PCLRs) determine which channels (if any) from the backplane should be
replaced with the data from the receive side or in other words, off of the T1 or E1 line. If this loopback is enabled,
then transmit and receive clocks and frame syncs must be synchronized. One method to accomplish this would be
to tie RCLK to TCLK and RFSYNC to TSYNC. There are no restrictions on which channels can be looped back or
on how many channels can be looped back.
Each of the bit position in the Per-Channel Loopback Registers (PCLR1/PCLR2/PCLR3/PCLR4) represent a time
slot in the outgoing frame. When these bits are set to a one, data from the corresponding receive channel will
replace the data on TSER for that channel.
Register Name:
PCL1, PCL2, PCL3, PCL4
Register Description:
Per-Channel Loopback Enable Registers
Register Address:
1D0h, 1D1h, 1D2h, 1D3h [+ (200h x n) : where n = 0 to 7, for Ports 1
to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
PCL1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
PCL2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
PCL3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
PCL4
Bits 0 to 7 / Per-Channel Loopback Enable for Channels 1 to 32 (CH1 to CH32)
0 = Loopback disabled
1 = Enable Loopback. Source data from the corresponding receive channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com