Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 232 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 232 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 228Page - Dallas Semiconductor DS26401 Datasheet HTML 229Page - Dallas Semiconductor DS26401 Datasheet HTML 230Page - Dallas Semiconductor DS26401 Datasheet HTML 231Page - Dallas Semiconductor DS26401 Datasheet HTML 232Page - Dallas Semiconductor DS26401 Datasheet HTML 233Page - Dallas Semiconductor DS26401 Datasheet HTML 234Page - Dallas Semiconductor DS26401 Datasheet HTML 235Page - Dallas Semiconductor DS26401 Datasheet HTML 236Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
232
Register Name:
SSIE1, SSIE2, SSIE3, SSIE4
Register Description:
Software Signaling Insertion Enable Registers
Register Address:
118h, 119h, 11Ah, 113h [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
SSIE1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
SSIE2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
SSIE3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
SSIE4
Bits 0 to 7 / Software Signaling Insertion Enable for Channels 1 to 32 (SSIEx).
These bits determine which
channels are to have signaling inserted form the Transmit Signaling registers.
0 = do not source signaling data from the TS registers for this channel
1 = source signaling data from the TS registers for this channel
Register Name:
THSCS1, THSCS2, THSCS3, THSCS4
Register Description:
Transmit Hardware Signaling Channel Select Registers
Register Address:
1C8h, 1C9h, 1CAh, 1CBh [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
THSCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
THSCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
THSCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
THSCS4
Bits 0 to 7 / Transmit Hardware Signaling Channel Select for Channels 1 to 32 (THSCSx).
These bits
determine which channels have signaling data inserted from the TSIG pin into the TSER PCM data.
0 = do not source signaling data from the TSIG pin for this channel
1 = source signaling data from the TSIG pin for this channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com