Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 231 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 231 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 227Page - Dallas Semiconductor DS26401 Datasheet HTML 228Page - Dallas Semiconductor DS26401 Datasheet HTML 229Page - Dallas Semiconductor DS26401 Datasheet HTML 230Page - Dallas Semiconductor DS26401 Datasheet HTML 231Page - Dallas Semiconductor DS26401 Datasheet HTML 232Page - Dallas Semiconductor DS26401 Datasheet HTML 233Page - Dallas Semiconductor DS26401 Datasheet HTML 234Page - Dallas Semiconductor DS26401 Datasheet HTML 235Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
231
Register Name:
TS1 TO TS16
Register Description:
Transmit Signaling Registers (E1 MODE)
Register Address:
140h to 14Fh [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
CAS Format
(MSB)
(LSB)
0
0
0
0
X
Y
X
X
TS1
CH1-A
CH1-B
CH1-C
CH1-D
CH16-A
CH16-B
CH16-C
CH16-D
TS2
CH2-A
CH2-B
CH2-C
CH2-D
CH17-A
CH17-B
CH17-C
CH17-D
TS3
CH3-A
CH3-B
CH3-C
CH3-D
CH18-A
CH18-B
CH18-C
CH18-D
TS4
CH4-A
CH4-B
CH4-C
CH4-D
CH19-A
CH19-B
CH19-C
CH19-D
TS5
CH5-A
CH5-B
CH5-C
CH5-D
CH20-A
CH20-B
CH20-C
CH20-D
TS6
CH6-A
CH6-B
CH6-C
CH6-D
CH21-A
CH21-B
CH21-C
CH21-D
TS7
CH7-A
CH7-B
CH7-C
CH7-D
CH22-A
CH22-B
CH22-C
CH22-D
TS8
CH8-A
CH8-B
CH8-C
CH8-D
CH23-A
CH23-B
CH23-C
CH23-D
TS9
CH9-A
CH9-B
CH9-C
CH9-D
CH24-A
CH24-B
CH24-C
CH24-D
TS10
CH10-A
CH10-B
CH10-C
CH10-D
CH25-A
CH25-B
CH25-C
CH25-D
TS11
CH11-A
CH11-B
CH11-C
CH11-D
CH26-A
CH26-B
CH26-C
CH26-D
TS12
CH12-A
CH12-B
CH12-C
CH12-D
CH27-A
CH27-B
CH27-C
CH27-D
TS13
CH13-A
CH13-B
CH13-C
CH13-D
CH28-A
CH28-B
CH28-C
CH28-D
TS14
CH14-A
CH14-B
CH14-C
CH14-D
CH29-A
CH29-B
CH29-C
CH29-D
TS15
CH15-A
CH15-B
CH15-C
CH15-D
CH30-A
CH30-B
CH30-C
CH30-D
TS16
CCS Format
(MSB)
(LSB)
1
2
3
4
5
6
7
8
TS1
9
10
11
12
13
14
15
16
TS2
17
18
19
20
21
22
23
24
TS3
25
26
27
28
29
30
31
32
TS4
33
34
35
36
37
38
39
40
TS5
41
42
43
44
45
46
47
48
TS6
49
50
51
52
53
54
55
56
TS7
57
58
59
60
61
62
63
64
TS8
65
66
67
68
69
70
71
72
TS9
73
74
75
76
77
78
79
80
TS10
81
82
83
84
85
86
87
88
TS11
89
90
91
92
93
94
95
96
TS12
97
98
99
100
101
102
103
104
TS13
105
106
107
108
109
110
111
112
TS14
113
114
115
116
117
118
119
120
TS15
121
122
123
124
125
126
127
128
TS16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com