Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 229 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 229 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 225Page - Dallas Semiconductor DS26401 Datasheet HTML 226Page - Dallas Semiconductor DS26401 Datasheet HTML 227Page - Dallas Semiconductor DS26401 Datasheet HTML 228Page - Dallas Semiconductor DS26401 Datasheet HTML 229Page - Dallas Semiconductor DS26401 Datasheet HTML 230Page - Dallas Semiconductor DS26401 Datasheet HTML 231Page - Dallas Semiconductor DS26401 Datasheet HTML 232Page - Dallas Semiconductor DS26401 Datasheet HTML 233Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
229
11.10 E1 Transmit DS0 Monitoring Function
The DS26401 has the ability to monitor one DS0 64kbps channel in the transmit direction and one DS0 channel in
the receive direction at the same time. In the transmit direction the user will determine which channel is to be
monitored by properly setting the TCM0 to TCM4 bits in the TDS0SEL register. In the receive direction, the RCM0
to RCM4 bits in the RDS0SEL register need to be properly set. The DS0 channel pointed to by the TCM0 to TCM4
bits will appear in the Transmit DS0 Monitor (TDS0M) register and the DS0 channel pointed to by the RCM0 to
RCM4 bits will appear in the Receive DS0 (RDS0M) register. The TCM4 to TCM0 and RCM4 to RCM0 bits should
be programmed with the decimal decode of the appropriate T1or E1 channel. T1 channels 1 through 24 map to
register values 0 through 23. E1 channels 1 through 32 map to register values 0 through 31. For example, if DS0
channel 6 in the transmit direction and DS0 channel 15 in the receive direction needed to be monitored, then the
following values would be programmed into TDS0SEL and RDS0SEL:
TCM4 = 0
RCM4 = 0
TCM3 = 0
RCM3 = 1
TCM2 = 1
RCM2 = 1
TCM1 = 0
RCM1 = 1
TCM0 = 1
RCM0 = 0
Register Name:
TDS0SEL
Register Description:
Transmit DS0 Channel Monitor Select
Register Address:
189h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
TCM4
TCM3
TCM2
TCM1
TCM0
Default
0
0
0
0
0
0
0
0
Bits 0 to 4 / Transmit Channel Monitor Bits (TCM0 to TCM4).
TCM0 is the LSB of a 5 bit channel select that
determines which transmit channel data will appear in the TDS0M register.
Bits 5 to 7 / Unused. Must be set = 0 for proper operation.
Register Name:
TDS0M
Register Description:
Transmit DS0 Monitor Register
Register Address:
1BBh + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
B1
B2
B3
B4
B5
B6
B7
B8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7 / Transmit DS0 Channel Bits (B1 to B8).
Transmit channel data that has been selected by the
Transmit Channel Monitor Select Register. B8 is the LSB of the DS0 channel (last bit to be transmitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com