Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 235 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 235 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 231Page - Dallas Semiconductor DS26401 Datasheet HTML 232Page - Dallas Semiconductor DS26401 Datasheet HTML 233Page - Dallas Semiconductor DS26401 Datasheet HTML 234Page - Dallas Semiconductor DS26401 Datasheet HTML 235Page - Dallas Semiconductor DS26401 Datasheet HTML 236Page - Dallas Semiconductor DS26401 Datasheet HTML 237Page - Dallas Semiconductor DS26401 Datasheet HTML 238Page - Dallas Semiconductor DS26401 Datasheet HTML 239Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
235
11.14 E1 Transmit Elastic Stores Operation
The DS26401 contains dual two-frame elastic stores, one for the receive direction, and one for the transmit
direction. Both elastic stores are fully independent. The transmit and receive side elastic stores can be
enabled/disabled independent of each other. Also, each elastic store can interface to either a 1.544MHz or
2.048/4.096/8.192/16.384MHz backplane without regard to the backplane rate of the other elastic store.
The elastic stores have two main purposes. First, they can be used for rate conversion. When the DS26401 is in the
T1 mode, the elastic stores can rate convert the T1 data stream to a 2.048MHz backplane. In E1 mode, the elastic
store can rate convert the E1 data stream to a 1.544MHz backplane. Secondly, they can be used to absorb the
differences in frequency and phase between the T1 or E1 data stream and an asynchronous (i.e., not locked)
backplane clock (which can be 1.544MHz or 2.048MHz). In this mode, the elastic stores will manage the rate
difference and perform controlled slips, deleting or repeating frames of data in order to manage the difference
between the network and the backplane. Note that TCBR4 will not be active when the transmitter is enabled with a
1.544MHz backplane.
The elastic stores can also be used to multiplex T1 or E1 data streams into higher backplane rates. This is the
Interleave Bus Option (IBO) which is discussed in Section 11.19.
Note that the receive elastic store status bits are contained in TLS1 with the associated interrupt bits located in
TIM1. These bits indicate a receive slip event, or when the e-store FIFO is in a ‘full’ or ‘empty’ condition. See the
register definition for TLS1 for additional information.
The operation of the transmit elastic store is very similar to the receive side. If the transmit side elastic store is
enabled a 1.544MHz or 2.048MHz clock can be applied to the TSYSCLK input. The user must supply a frame sync
pulse or a multiframe sync pulse to the TSSYNC input. For higher rate system clock applications, see the Interleave
Bus Option section. Controlled slips in the transmit elastic store are reported in the TLS1.5 bit and the direction of
the slip is reported in the TLS1.6 and TLS1.7 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com