Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 238 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 238 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 234Page - Dallas Semiconductor DS26401 Datasheet HTML 235Page - Dallas Semiconductor DS26401 Datasheet HTML 236Page - Dallas Semiconductor DS26401 Datasheet HTML 237Page - Dallas Semiconductor DS26401 Datasheet HTML 238Page - Dallas Semiconductor DS26401 Datasheet HTML 239Page - Dallas Semiconductor DS26401 Datasheet HTML 240Page - Dallas Semiconductor DS26401 Datasheet HTML 241Page - Dallas Semiconductor DS26401 Datasheet HTML 242Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
238
11.14.3 Mapping E1 Channels from a 1.544MHz Backplane
The user can use the TSCLKM bit in TIOCR.4 to enable the transmit elastic store to operate with a 1.544MHz
backplane (24 channels / frame + F bit). In this mode, the user can chose which of the E1 time slots will have all
ones data inserted by programming the Transmit Blank Channel Select registers (TBCS1-4). A logic 1 in the
associated bit location will cause the DS26401 elastic store to force all ones at the outgoing E1 data for that
channel. Typically, the user will want to program 8 channels to be 'blanked'. The default (power-up) configuration
will blank channels 25 to 32, so that the first 24 E1 channels are mapped from the 24 channels of the 1.544MHz
backplane.
Register Name:
TBCS1, TBCS2, TBCS3, TBCS4
Register Description:
Transmit Blank Channel Select Registers
Register Address:
1C0h, 1C1h, 1C2h, 1C3h [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TBCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TBCS4
Bits 0 to 7 / Transmit Blank Channel Select for Channels 1 to 32 (TBCS1 to 32)
0 = do not insert all ones for this channel
1 = insert all ones for this E1 channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com