Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 236 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 236 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 232Page - Dallas Semiconductor DS26401 Datasheet HTML 233Page - Dallas Semiconductor DS26401 Datasheet HTML 234Page - Dallas Semiconductor DS26401 Datasheet HTML 235Page - Dallas Semiconductor DS26401 Datasheet HTML 236Page - Dallas Semiconductor DS26401 Datasheet HTML 237Page - Dallas Semiconductor DS26401 Datasheet HTML 238Page - Dallas Semiconductor DS26401 Datasheet HTML 239Page - Dallas Semiconductor DS26401 Datasheet HTML 240Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
236
11.14.1 Elastic Stores Initialization
There are two elastic store initializations that may be used to improve performance in certain applications, Elastic
Store Reset and Elastic Store Align. Both of these involve the manipulation of the elastic store’s read and write
pointers and are useful primarily in synchronous applications (RSYSCLK/TSYSCLK are locked to RCLK/TCLK,
respectively). The elastic store reset is used to minimize the delay through the elastic store. The elastic store align
bit is used to 'center' the read/write pointers to the extent possible.
Elastic Store Delay After Initialization
INITIALIZATION
REGISTER
BIT
DELAY
Receive Elastic Store Reset
RESCR.2
N bytes < Delay < 1 Frame + N bytes
Transmit Elastic Store Reset
TESCR.2
N bytes < Delay < 1 Frame + N bytes
Receive Elastic Store Align
RESCR.3
1/2 Frame < Delay < 1 1/2 Frames
Transmit Elastic Store Align
TESCR.3
1/2 Frame < Delay < 1 1/2 Frames
N = 9 for TSZS = 0
N = 2 for TSZS = 1
11.14.2 Minimum Delay Mode
Elastic store minimum delay mode may be used when the elastic store’s system clock is locked to its network clock
(i.e., RCLK locked to RSYSCLK for the receive side and TCLK locked to TSYSCLK for the transmit side). TESCR.1
and RESCR.1 enable the transmit and receive elastic store minimum delay modes. When enabled the elastic
stores will be forced to a maximum depth of 32 bits instead of the normal two-frame depth. This feature is useful
primarily in applications that interface to a 2.048MHz bus. Certain restrictions apply when minimum delay mode is
used. In addition to the restriction mentioned above, RSYNC must be configured as an output when the receive
elastic store is in minimum delay mode and TSYNC must be configured as an output when transmit minimum delay
mode is enabled. The RSYNC and TSYNC outputs are registered on the rising edge of RSYSCLK and TSYSCLK
respectfully. In a typical application RSYSCLK and TSYSCLK are locked to RCLK, and RSYNC (frame output
mode) is connected to TSSYNC (frame input mode). All of the slip contention logic in the framer is disabled (since
slips cannot occur). On power–up after the RSYSCLK and TSYSCLK signals have locked to their respective
network clock signals, the elastic store reset bits (TESCR.2 and RESCR.2) should be toggled from a zero to a one
to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com