Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 240 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 240 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 236Page - Dallas Semiconductor DS26401 Datasheet HTML 237Page - Dallas Semiconductor DS26401 Datasheet HTML 238Page - Dallas Semiconductor DS26401 Datasheet HTML 239Page - Dallas Semiconductor DS26401 Datasheet HTML 240Page - Dallas Semiconductor DS26401 Datasheet HTML 241Page - Dallas Semiconductor DS26401 Datasheet HTML 242Page - Dallas Semiconductor DS26401 Datasheet HTML 243Page - Dallas Semiconductor DS26401 Datasheet HTML 244Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
240
11.16 Additional (Sa) and International (Si) Bit Operation (E1 Mode)
On the transmit side, data is sampled from the TAF and TNAF registers with the setting of the Transmit Align
Frame bit in Transmit Status Register 1 (TLS1.3). The host can use the TLS1.3 bit to know when to update the TAF
and TNAF registers. It has 250
ms to update the data or else the old data will be retransmitted. If the TAF an TNAF
registers are only being used to source the align frame and non-align frame sync patterns then the host
need only write once to these registers
. Data in the Si bit position will be overwritten if either the framer is
programmed: (1) to source the Si bits from the TSER pin, (2) in the CRC4 mode, or (3) have automatic E-bit
insertion enabled.
There is also a set of eight registers (TSiAF, TSiNAF, TRA, TSa4 to TSa8) that via the Transmit Sa-Bit Control
Register (TSaCR), can be programmed to insert both Si and Sa data. Data is sampled from these registers with
the setting of the Transmit Multiframe bit in Status Register 1 (TLS1.3). The host can use the TLS1.3 bit to know
when to update these registers. It has 2ms to update the data or else the old data will be retransmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com